Electronic Components Datasheet Search
  English  ▼

X  

1722011 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1722011
Description  Printed-circuit board connector - MC 1,5/ 5-G-3,81 P26 THR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1722011 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1722011 Datasheet HTML 1Page - PHOENIX CONTACT 1722011 Datasheet HTML 2Page - PHOENIX CONTACT 1722011 Datasheet HTML 3Page - PHOENIX CONTACT 1722011 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1722011
10/23/2014   Page 1 / 4
Printed-circuit board connector - MC 1,5/ 5-G-3,81 P26 THR - 1722011
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 5, Pitch: 3.81 mm, Color: black,
Contact surface: Tin, Assembly: SMD/THT/THR
Product Features
 Plug-in direction parallel to the PCB
 Pitch: 3.81 mm
 Low-profile THR headers with a compact pitch
 Use in SMT reflow processes
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
1.6 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
9.2 mm
Height
9.5 mm
Width
20.44 mm
Pitch
3.81 mm
Dimension a
15.24 mm
Pin dimensions
0,8 mm x 0,8 mm
Hole diameter
1.4 mm
General
Range of articles
MC 1,5/..-G-THR


Similar Part No. - 1722011

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1722008 PHOENIX-1722008 Datasheet
114Kb / 5P
Printed-circuit board connector - MC 1,5/ 4-G-3,81 P26 THR
12/02/2018
1722037 PHOENIX-1722037 Datasheet
75Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-G-3,81 P26 THR
1722040 PHOENIX-1722040 Datasheet
75Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-G-3,81 P26 THR
1722053 PHOENIX-1722053 Datasheet
75Kb / 4P
Printed-circuit board connector - MC 1,5/ 9-G-3,81 P26 THR
1722066 PHOENIX-1722066 Datasheet
75Kb / 4P
Printed-circuit board connector - MC 1,5/10-G-3,81 P26 THR
More results

Similar Description - 1722011

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1722037 PHOENIX-1722037 Datasheet
75Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-G-3,81 P26 THR
1722040 PHOENIX-1722040 Datasheet
75Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-G-3,81 P26 THR
1722053 PHOENIX-1722053 Datasheet
75Kb / 4P
Printed-circuit board connector - MC 1,5/ 9-G-3,81 P26 THR
1722066 PHOENIX-1722066 Datasheet
75Kb / 4P
Printed-circuit board connector - MC 1,5/10-G-3,81 P26 THR
1722079 PHOENIX-1722079 Datasheet
75Kb / 4P
Printed-circuit board connector - MC 1,5/11-G-3,81 P26 THR
1722082 PHOENIX-1722082 Datasheet
75Kb / 4P
Printed-circuit board connector - MC 1,5/12-G-3,81 P26 THR
1722189 PHOENIX-1722189 Datasheet
77Kb / 4P
Printed-circuit board connector - MC 1,5/ 5-GF-3,81 P26 THR
1782491 PHOENIX-1782491 Datasheet
69Kb / 4P
Printed-circuit board connector - MC 1,5/ 5-G-3,81 P26 THRR56
1721986 PHOENIX-1721986 Datasheet
133Kb / 9P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 P26 THR
09/11/2020
1722008 PHOENIX-1722008 Datasheet
114Kb / 5P
Printed-circuit board connector - MC 1,5/ 4-G-3,81 P26 THR
12/02/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com