Electronic Components Datasheet Search
  English  ▼

X  

FTD1664P Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD1664P
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1664P Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD1664P Datasheet HTML 1Page - First Silicon Co., Ltd FTD1664P Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2015. 08. 11
1/2
Revision No : 0
FTD1664
Typical Characteristics
0.1
1
10
1
10
100
1000
10
100
10
100
1E-3
0.01
0.1
1
0
100
200
300
0
25
50
75
100
125
150
0
100
200
300
400
500
600
1E-3
0.01
0.1
1
0.0
0.4
0.8
1.2
1E-3
0.01
0.1
1
10
100
1000
0246
8
0
25
50
75
100
125
150
500
300
30
3
20
f=1MHz
I
E=0 / IC=0
T
a=25
℃
REVERSE VOLTAGE V (V)
V
CB / VEB
C
ob / Cib
——
C
ib
C
ob
COLLECTOR CURRENT I
C
(mA)
V
CE=5V
T
a=25
℃
I
C
f
T
——
COMMON EMITTER
V
CE= 3V
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(A)
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
( )
℃
P
C
—— T
a
COLLECTOR CURRENT I
C
(A)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat
——
T
a=25
℃
T
a=100
℃
β=10
V
CEsat ——
I
C
COLLECTOR CURRENT I
C
(A)
COMMON
EMITTER
T
a=25
℃
0 80mA
0.72mA
0.64mA
0.56mA
0.48mA
0.40mA
0.32mA
0.24mA
0.16mA
I
B=0 08mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com