Electronic Components Datasheet Search
  English  ▼

X  

FTD1899 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD1899
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD1899 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD1899 Datasheet HTML 1Page - First Silicon Co., Ltd FTD1899 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 03. 26
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTD1899
Revision No : 0
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6 50 ± 0 2
5 60 ± 0 2
5 20 ± 0 2
1 50 ± 0 2
2 70 ± 0 2
2 30 ± 0 1
1 00 MAX
2 30 ± 0 2
0 5 ± 0 1
0 50 ± 0 10
E
1 6 ± 0 2
O
A
C
I
J
H
F
F
L
1
2
3
1 BASE
2 COLLECTOR
3 EMITTER
0 95 MAX
Q
FTD1899
TRANSISTOR (NPN)
FEATURES
Low VCE(sat)
High Transition Frequency
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
7
V
IC
A
3
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
1
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
RθJA
Thermal Resistance From Junction To Ambient
125
℃/W
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
+
~
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100µA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
7
V
Collector cut-off current
ICBO
VCB=60V,IE=0
10
μA
Emitter cut-off current
IEBO
VEB=7V,IC 0
=
10
μA
hFE(1)
*
VCE=2V, IC=0.2A
60
hFE(2)
*
VCE=2V, IC=0.6A
100
400
DC current gain
hFE(3)
*
VCE=2V, IC=2A
50
Collector-emitter saturation voltage
VCE(sat)
*
IC=1.5A,IB=0.15A
0.25
V
Base-emitter saturation voltage
VBE(sat)
*
IC=1.5A,IB=0.15A
1.2
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
30
pF
Transition frequency
fT
VCE=5V,IC=1.5A
120
MHz
*Pulse test: pulse width
≤350μs, duty cycle≤ 2.0%.
CLASSIFICATION OF hFE(2)
K
L
M
K
N
A
R
RANGE
0
0
4
-
0
0
2
0
2
3
-
0
6
1
0
0
2
-
0
0
1


Similar Part No. - FTD1899

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD1899I FS-FTD1899I Datasheet
291Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - FTD1899

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com