Electronic Components Datasheet Search
  English  ▼

X  

FTD2118 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD2118
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD2118 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD2118 Datasheet HTML 1Page - First Silicon Co., Ltd FTD2118 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2013.02. 18
2/2
FTD2118
Revision No : 0
0.1
1
10
10
100
1000
70
100
1
10
100
1000
10
100
1000
200
400
600
800
1000
1200
1
10
100
1000
1
10
100
1000
500
1
10
100
1000
200
400
600
800
1000
1200
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
C
ob
C
ib
f=1MHz
I
E
=0/I
C
=0
T
a
=25℃
REVERSE VOLTAGE
V
(V)
20
V
CB
/ V
EB
C
ob
/ C
ib
——
30
10
10
30
COMMON EMITTER
V
CE
=6V
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
h
FE
——
5000
T
a
=100℃
T
a
=25℃
β=40
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
5000
T
a
=25℃
T
a
=100℃
COMMON EMITTER
V
CE
=2V
BASE-EMMITER VOLTAGE
V
BE
(mV)
300
200
100
Typical Characteristics
f
T
——
I
C
——
COMMON EMITTER
V
CE
=2V
T
a
=25℃
T
a
=100℃
I
C
COLLECTOR CURRENT
I
C
(mA)
5000
I
C
V
BE
5000
β=40
T
a
=100℃
T
a
=25℃
I
C
V
BEsat
——
COLLECTOR CURRENT
I
C
(mA)
AMBIENT TEMPERATURE
T
a
(
)
℃
P
C
——
T
a
Static Characteristic
2.0mA
1.8mA
1.6mA
1.4mA
1.2mA
1.0mA
0.8mA
0.6mA
0.4mA
COMMON EMITTER
T
a
=25℃
I
B
=0.2mA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com