Electronic Components Datasheet Search
  English  ▼

X  

FTD718 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD718
Description  TRIPLE DIFFUSED NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD718 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD718 Datasheet HTML 1Page - First Silicon Co., Ltd FTD718 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRIPLE DIFFUSED NPN TRANSISTOR
FEATURES
Recommended for 45~50W Audio Frequency
APPLICATIONS
High Power Amplifier
Amplifier Output Stage.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
10
A
Base Current
IB
1
A
Collector Power Dissipation(Tc=25℃)
PC
80
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
MAXIMUM RATING (Ta=25℃ unless otherwise noted)
℃
℃
1 BASE
2 COLLECTOR
3 EMITTER
TO-3P(N)
K
A
D
B
d
P
P
T
M
Q
1
2
3
A
15 9 MAX
MILLIMETERS
DIM
B
4 8 MAX
C
20 0 0 3
D
2 0 0 3
d
1 0+0 3/-0 25
E
2 0
F
1 0
G
3 3 MAX
H
9 0
I
4 5
J
2 0
K
1 8 MAX
L
20 5 0 5
P
5 45 0 2
Q
Φ3 2 0 2
T
0 6+0 3/-0 1
2 8
M
+
_
+
_
+
_
+
_
+
_
Note : hFE Classification
R:55~110,
O:80~160
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB= 120V, IE=0
-
-
10
Emitter Cut-off Current
IEBO
VEB= 5V, IC=0
-
-
10
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC= 50mA, IB=0
120
-
-
V
DC Current Gain
hFE(Note)
VCE= 5V, IC= 1A
55
-
160
Collector-Emitter Saturation Voltage
VCE(sat)
IC= 6A, IB= 0.6A
-
-
2.0
V
Base-Emitter Voltage
VBE
VCE= 5V, IC= 5A
-
-
1.5
V
Transition Frequency
fT
VCE= 5V, IC= 1A
-
12
-
MHz
Collector Output Capacitance
Cob
VCB= 10V, IE=0, f=1MHz
-
170
-
pF
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise noted)
uA
uA
SEMICONDUCTOR
TECHNICAL DATA
FTD718
2020. 01. 13
1/2
Revision No : 0


Similar Part No. - FTD718

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTD7003 SANYO-FTD7003 Datasheet
29Kb / 4P
P-Channel Silicon MOSFET High-Speed Switching Applications
FTD7010 SANYO-FTD7010 Datasheet
285Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
FTD7011 SANYO-FTD7011 Datasheet
284Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
logo
TE Connectivity Ltd
FTD7904 TEC-FTD7904 Datasheet
546Kb / 6P
F Series Switches
FTD79G04 TEC-FTD79G04 Datasheet
546Kb / 6P
F Series Switches
More results

Similar Description - FTD718

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4521F KEC-KTC4521F_07 Datasheet
460Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE13009 KEC-MJE13009 Datasheet
276Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTD1530 KEC-KTD1530 Datasheet
650Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
TIP35CA KEC-TIP35CA Datasheet
445Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTD998 KEC-KTD998_15 Datasheet
58Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005DC KEC-MJE13005DC Datasheet
864Kb / 4P
TRIPLE DIFFUSED NPN TRANSISTOR
TIP35C KEC-TIP35C_15 Datasheet
294Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE5555 KEC-MJE5555_15 Datasheet
448Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com