Electronic Components Datasheet Search
  English  ▼

X  

1722176 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1722176
Description  Printed-circuit board connector - MC 1,5/ 4-GF-3,81 P26 THR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1722176 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1722176 Datasheet HTML 1Page - PHOENIX CONTACT 1722176 Datasheet HTML 2Page - PHOENIX CONTACT 1722176 Datasheet HTML 3Page - PHOENIX CONTACT 1722176 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1722176
10/23/2014   Page 1 / 4
Printed-circuit board connector - MC 1,5/ 4-GF-3,81 P26 THR - 1722176
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 4, Pitch: 3.81 mm, Color: black,
Contact surface: Tin, Assembly: SMD/THT/THR
Product Features
 Low-profile THR headers with a compact pitch
 Pitch: 3.81 mm
 Plug-in direction parallel to the PCB
 Use in SMT reflow processes
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
2.2 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
9.2 mm
Pitch
3.81 mm
Dimension a
11.43 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.4 mm
General
Range of articles
MC 1,5/..-GF-THR
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV


Similar Part No. - 1722176

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1722105 PHOENIX-1722105 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-G-3,81 P14 THRR32
logo
Tyco Electronics
172211-2 MACOM-172211-2 Datasheet
96Kb / 2P
EI SERIES CONNECTOR (Wier-to-Wire)
172211-2 MACOM-172211-2 Datasheet
96Kb / 2P
EI SERIES CONNECTOR (Wier-to-Wire)
172211-3 MACOM-172211-3 Datasheet
96Kb / 2P
EI SERIES CONNECTOR (Wier-to-Wire)
172211-3 MACOM-172211-3 Datasheet
96Kb / 2P
EI SERIES CONNECTOR (Wier-to-Wire)
More results

Similar Description - 1722176

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1722150 PHOENIX-1722150 Datasheet
77Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-GF-3,81 P26 THR
1722163 PHOENIX-1722163 Datasheet
77Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-GF-3,81 P26 THR
1722189 PHOENIX-1722189 Datasheet
77Kb / 4P
Printed-circuit board connector - MC 1,5/ 5-GF-3,81 P26 THR
1722202 PHOENIX-1722202 Datasheet
77Kb / 4P
Printed-circuit board connector - MC 1,5/ 6-GF-3,81 P26 THR
1722215 PHOENIX-1722215 Datasheet
77Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-GF-3,81 P26 THR
1722228 PHOENIX-1722228 Datasheet
70Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-GF-3,81 P26 THR
1722231 PHOENIX-1722231 Datasheet
70Kb / 4P
Printed-circuit board connector - MC 1,5/ 9-GF-3,81 P26 THR
1722244 PHOENIX-1722244 Datasheet
76Kb / 4P
Printed-circuit board connector - MC 1,5/10-GF-3,81 P26 THR
1722257 PHOENIX-1722257 Datasheet
70Kb / 4P
Printed-circuit board connector - MC 1,5/11-GF-3,81 P26 THR
1722260 PHOENIX-1722260 Datasheet
76Kb / 4P
Printed-circuit board connector - MC 1,5/12-GF-3,81 P26 THR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com