Electronic Components Datasheet Search
  English  ▼

X  

M61503 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M61503
Description  TONE CONTROL/VOLUME CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61503 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M61503 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M61503 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61503 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61503 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61503 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61503 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61503 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61503 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61503 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
tr
tf
t
or
t
WL
Unit
Symbol
Parameter
Limits
min
typ
max
cr
WH
WLC
r
f
Cycle time of digital signal
Pulse width of digital signal("H"level)
Pulse width of digital signal("L"level)
Rise time of digital signal
Fall time of digital signal
4
1.6
0.4
0.4
usec
1.6
CONTROL SIGNALS SPECIFICATION
(CLOCK,
DATA,
STROBE)
Dn+1
Dn+0
Dn+10
2.5V
0V
1.25V
2.5V
DATA:L
DATA:H
(1) Wave form
Threshold of the internal
STROBE.
Threshold of the internal
DATA(H/L)
H
M
L
Dn+11
V
Limits
min.
typ.
max.
Digital input signal
Unit
Condition
VDD
H
L
M
1.0
1.5
2.1
1.25
0.4
L signal
M signal
H signal
VDD=2.5V,VSS=-2.5V
VDD=2.5V,VSS=-2.5V
VDD=2.5V,VSS=-2.5V
(VDD/2)
t
WH
t
WH
tr
tf
tr
(2) Voltage control signal
(3) Timing control signal
(4) Control signal example(Refer to page 6 on the control data)
Threshold of
the internal CLOCK.
An example of the mode control
VOL/TREBLE SHARE AMP GAIN:20dB
INPUT
:INA,
VOLUME :0dB
MUTE
:OFF
The internal DATA latch at the falling edges of this clock signal.
t
WH
GND
(MSB)
D02 D12 D22D32 D42D52D62D72D82D92
STROBE
D102
D112
BBE EFFECT:High level(+3dB)
MODE:STEREO
BASS:18dB
TREBLE:6dB
RECOUT:ON(INE)
D01 D11D21D31 D41D51D61D71D81D91
STROBE
D101
D111
D121
D131
D122
D132
t
t
t
t
t
11
MITSUBISHI
ELECTRIC
(
/
)
2.5V
(GND)
1.25V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com