Electronic Components Datasheet Search
  English  ▼

X  

FTD882F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD882F
Description  NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD882F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD882F Datasheet HTML 1Page - First Silicon Co., Ltd FTD882F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2013. 07. 24
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTD882F
Revision No : 0
FTD882F
NPN TRANSISTOR
SOT-89
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.8 MAX
0.7 MIN
0.5+0.15/-0.10
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
+
_
+
_
1. BASE
2. COLLECTOR
3. EMITTER
FEATURES
Power dissipation
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
3
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
CLASSIFICATION OF hFE(1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC = 100
μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC = 10mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100
μA, IC=0
6
V
Collector cut-off current
ICBO
VCB= 40V, IE=0
1
µA
Collector cut-off current
ICEO
VCE= 30V, IB=0
10
µA
Emitter cut-off current
IEBO
VEB= 6V, IC=0
1
µA
hFE(1)
VCE=2V, IC= 1A
60
400
DC current gain
hFE(2)
VCE=2V, IC= 100mA
32
Collector-emitter saturation voltage
VCE(sat)
IC= 2A, IB= 0.2 A
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC= 2A, IB= 0.2 A
1.5
V
Transition frequency
fT
VCE= 5V , Ic=0.1A
f =10MHz
50
MHz


Similar Part No. - FTD882F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTD882D FS-FTD882D Datasheet
376Kb / 2P
TRANSISTOR
FTD882S FS-FTD882S Datasheet
218Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTD882T FS-FTD882T Datasheet
471Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - FTD882F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com