Electronic Components Datasheet Search
  English  ▼

X  

FTD882S Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD882S
Description  AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD882S Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD882S Datasheet HTML 1Page - First Silicon Co., Ltd FTD882S Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2014. 5. 20
2/2
FTD882S
Revision No : 0
0
300
600
900
1200
1
10
100
1000
10
100
1000
100
1000
0
25
50
75
100
125
150
0
125
250
375
500
625
750
10
100
1000
1
10
100
1000
10
100
1000
0
100
200
300
400
500
600
0.1
1
10
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
100
1
10
100
COMMON EMITTER
V
CE= 2V
V
BE
I
C
——
BASE-EMMITER VOLTAGE V
BE (mV)
3000
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
3000
2000
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
T
a=100
℃
T
a=25
℃
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
3000
Typical Characteristics
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 2V
3000
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB/VEB
C
ob/Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
20
500
4.4mA
4.95mA
5.5mA
I
B=0.55mA
COMMON
EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
2.75mA
3.3mA
3.85mA
1.1mA
1.65mA
2.2mA
V
CE=5V
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
f
T
——
500
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com