Electronic Components Datasheet Search
  English  ▼

X  

MJD42C Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MJD42C
Description  TRANSISTOR (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD42C Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MJD42C Datasheet HTML 1Page - First Silicon Co., Ltd MJD42C Datasheet HTML 2Page - First Silicon Co., Ltd MJD42C Datasheet HTML 3Page - First Silicon Co., Ltd MJD42C Datasheet HTML 4Page - First Silicon Co., Ltd MJD42C Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MJD42C TRANSISTOR (PNP)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-6
A
PC
Collector Power Dissipation
1.25
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~150
℃
Collector-base breakdown voltage
V(BR)CBO
IC=-100
μA,IE=0
-100
V
Collector-emitter breakdown voltage
VCEO(sus)
IC=-30mA,IB=0
-100
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100
μA,IC=0
-5
V
Collector cut-off current
ICEO
VCB=-60V,IE=0
-50
μA
Emitter cut-off current
IEBO
VEB=-5V IC=0
-0.5
mA
hFE(1)
VCE=-4V IC=-0.3A
30
DC current gain
hFE(2)
VCE=-4V,IC=-3A
15
75
Collector-emitter saturation voltage
VCE(sat)
IC=-6A,IB=-0.6A
-1.5
V
Base-emitter voltage
VBE
VCE=-4V,IC=-6A
-2
V
Transition frequency
fT
VCE=-10V,IC=-500mA,f=1MHz
3
MHz
FEATURES
Designed for General Purpose Amplifier and Low Speed
Switching Applications.
TO-252
1. BASE
2. COLLECTOR
3. EMITTER
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
SEMICONDUCTOR
TECHNICAL DATA
MJD42C
2020. 02. 18
1/5
Revision No : 1
IB
Base Current
-2
A


Similar Part No. - MJD42C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD42C ONSEMI-MJD42C Datasheet
195Kb / 6P
Complementary Power Transistors
August, 2004 ??Rev. 5
logo
Fairchild Semiconductor
MJD42C FAIRCHILD-MJD42C Datasheet
47Kb / 5P
General Purpose Amplifier
MJD42C FAIRCHILD-MJD42C Datasheet
48Kb / 5P
General Purpose Amplifier Low Speed Switching Applications
logo
Motorola, Inc
MJD42C MOTOROLA-MJD42C Datasheet
198Kb / 6P
SILICON POWER TRANSISTORS 6 AMPERES 100 VOLTS20 WATTS
logo
ON Semiconductor
MJD42C ONSEMI-MJD42C Datasheet
78Kb / 6P
Complementary Power Transistors
January, 2006 ??Rev. 6
More results

Similar Description - MJD42C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com