Electronic Components Datasheet Search
  English  ▼

X  

MJD2955 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MJD2955
Description  TRANSISTOR (PNP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD2955 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MJD2955 Datasheet HTML 1Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
TECHNICAL D ATA
MJD2955
2011. 10. 14
1/1
Revision No : 0
MJD2955
TRANSISTOR
(PNP)
FEATURES
Designed for General Purpose Amplifier and Low Speed
Switching Applications
Electrically Simiar to MJD3055
DC Current Gain Specified to10 Amperes
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-70
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-10
A
PC
Collector Power Dissipation
1.25
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL
CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-1mA,IE
V
0
7
-
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC=-200 mA,IB
V
0
6
-
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA,IC
V
5
-
0
=
ICBO
VCB=-70V,IE
20
-
0
=
Collector cut-off current
ICEO
VCB=-30V,IB
A
µ
0
5
-
0
=
Emitter cut-off current
IEBO
VEB=-5V,IC
A
m
5
.
0
-
0
=
hFE(1)
VCE=-4V,IC
0
0
1
0
2
A
4
-
=
DC current gain
hFE(2)
VCE=-4V,IC
5
A
0
1
-
=
VCE(sat)(1)
IC=-4A, IB
V
1
.
1
-
A
4
.
0
-
=
Collector-emitter saturation voltage
VCE(sat)(2)
IC=-10A, IB
V
8
-
A
3
.
3
-
=
Base-emitter voltage
VBE
VCE=-4V, IC
V
8
.
1
-
A
4
-
=
Transition frequency
fT
VCE=-10V,IC=-0.5A,f=500KHZ
2
MHz
TO-252
1.BASE
2.COLLECTOR
3.EMITTER
A
µ


Similar Part No. - MJD2955

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
Complementary Power Transistors
1997 REV 2
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955 Datasheet
91Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1998
logo
Fairchild Semiconductor
MJD2955 FAIRCHILD-MJD2955 Datasheet
43Kb / 4P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955 Datasheet
188Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
Feb-2002
logo
ON Semiconductor
MJD2955 ONSEMI-MJD2955 Datasheet
78Kb / 6P
Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
More results

Similar Description - MJD2955

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com