Electronic Components Datasheet Search
  English  ▼

X  

MMST3904 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MMST3904
Description  NPN General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMST3904 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MMST3904 Datasheet HTML 1Page - First Silicon Co., Ltd MMST3904 Datasheet HTML 2Page - First Silicon Co., Ltd MMST3904 Datasheet HTML 3Page - First Silicon Co., Ltd MMST3904 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN General Purpose Amplifier
■Maximum Ratings (Ta=25℃ unless otherwise noted)
Item
Symbol
Unit
Conditions
Value
Collector-Base Voltage
VCBO
V
IC=10
μA,IE=0
60
Collector-Emitter Voltage
VCEO
V
IC =1mA,IB=0
40
Emitter-Base Voltage
VEBO
V
IE=10
μA,IC=0
6
0
0
2
A
m
C
I
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
0
0
2
W
m
C
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
Junction Temperature
Tj
℃
0
5
1
+
o
t
5
5
-
Storage Temperature
TSTG
℃
0
5
1
+
o
t
5
5
-
SOT-323
Features
●Epoxy meets UL-94 V-0 flammability rating
●Moisure Sensitivity Level 1
●High Conductance
●Surface Mount Package Ideally Suited for Automatic
Insertion
Mechanical Data
● Package: SOT-323
Molding compound meets UL 94 V-0 flammability rating,
RoHS-compliant, halogen-free
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Marking: K2N
SEMICONDUCTOR
TECHNICAL DATA
MMST3904
2020. 03. 31
1/4
Revision No : 0


Similar Part No. - MMST3904

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST3904 TRSYS-MMST3904 Datasheet
166Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST3904 ROHM-MMST3904 Datasheet
90Kb / 4P
NPN General Purpose Transistor
logo
Diodes Incorporated
MMST3904 DIODES-MMST3904 Datasheet
58Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 3P-1
MMST3904 DIODES-MMST3904 Datasheet
441Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMST3904 DIODES-MMST3904 Datasheet
322Kb / 9P
150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 3 - 2
More results

Similar Description - MMST3904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N5088 UTC-2N5088_12 Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com