Electronic Components Datasheet Search
  English  ▼

X  

MPS651 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MPS651
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MPS651 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MPS651 Datasheet HTML 1Page - First Silicon Co., Ltd MPS651 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
MPS651
2013. 08. 09
1/2
Revision No : 0
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
3. COLLECTOR
2. BASE
MPS651
TRANSISTOR (NPN)
FEATURES
General Purpose Amplifier
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
t
i
n
U
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
VCBO
V
0
8
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
V
0
6
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
5
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
A
2
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
m
5
2
6
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
RθJA
Thermal Resistance From Junction To Ambient
200
℃/W
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
0
5
1
+
~
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA,IE=0
80
V
Collector-emitter
breakdown
V(BR)CEO
*
IC=10mA,IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.01mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=80V,IE
1
.
0
0
=
μA
Emitter cut-off current
IEBO
VEB=4V,IC
1
.
0
0
=
μA
hFE(1)
*
VCE=2V, IC=50mA
75
hFE(2)
*
VCE=2V, IC=500mA
75
hFE(3)
*
VCE=2V, IC=1A
75
DC current gain
hFE(4)
*
VCE=2V, IC=2A
40
VCE(sat) (1)
*
IC=2A,IB=200mA
0.5
V
Collector-emitter saturation voltage
VCE(sat) (2)
*
IC=1A,IB=100mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
*
IC=1A,IB=100mA
1.2
V
Base-emitter voltage
VBE
*
IC=1A, VCE=2V
1
V
Transition frequency
fT
VCE=5V,IC=50mA,f=100MHz
75
MHz
*Pulse test: pulse width
≤300μs, duty cycle≤ 2.0%.


Similar Part No. - MPS651

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MPS651 KEC-MPS651 Datasheet
73Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY RAMP DRIVER, INDUSTRIAL USE)
logo
Fairchild Semiconductor
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
Switching and Amplifier Applications
logo
ON Semiconductor
MPS651 ONSEMI-MPS651 Datasheet
103Kb / 6P
Amplifier Transistors
May, 2005 ??Rev. 2
MPS651 ONSEMI-MPS651 Datasheet
74Kb / 5P
Amplifier Transistors
April, 2007 ??Rev. 3
logo
Micro Commercial Compon...
MPS651 MCC-MPS651 Datasheet
233Kb / 3P
NPN Encapsulate Transistors
More results

Similar Description - MPS651

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com