Electronic Components Datasheet Search
  English  ▼

X  

PZTA92 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # PZTA92
Description  TRANSISTOR (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

PZTA92 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  PZTA92 Datasheet HTML 1Page - First Silicon Co., Ltd PZTA92 Datasheet HTML 2Page - First Silicon Co., Ltd PZTA92 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PZTA92
2016. 02. 16
2/3
Revision No : 0
Typical Characteristics
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
-100
-1
-10
-100
0
60
120
180
240
300
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-0.1
-1
-10
-100
-0
-200
-400
-600
-800
-1000
-0.1
-1
-10
1
10
100
-1
-10
-100
100
-0
-3
-6
-9
-12
-15
-18
-0
-5
-10
-15
-0.1
-1
-10
-100
-10
-100
-1000
V
CB/ VEB
C
ob/ C b
——
V
BE
I
C
——
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE= -10V
BASE-EMITTER VOLTAGE
V
BE
(V)
Static Characteristic
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE= -10V
COLLECTOR CURRENT
I
C
(mA)
f
T
——
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
( )
℃
T
a=100
℃
T
a=25
℃
β=10
COLLECTOR CURRENT
I
C
(mA)
-0.2
f=1MHz
I
E=0/IC=0
T
a=25
℃
Cob
Cib
-20
REVERSE BIAS VOLTAGE
V (V)
30
10
COMMON EMITTER
V
CE= -20V
T
a=25
℃
COLLECTOR CURRENT
I
C
(mA)
COMMON
EMITTER
T
a=25
℃
-100uA
-70uA
-90uA
-60uA
-50uA
-80uA
-40uA
-30uA
-20uA
I
B= -10uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
I
C
T
a=25
℃
T
a=100
℃
β=10
V
BEsat
——
V
CEsat
——
I
C
I
C
COLLECTOR CURRENT
I
C
(mA)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com