Electronic Components Datasheet Search
  English  ▼

X  

SLP-25 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SLP-25
Description  Low Pass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SLP-25 Datasheet(HTML) 2 Page - Mini-Circuits

  SLP-25 Datasheet HTML 1Page - Mini-Circuits SLP-25 Datasheet HTML 2Page - Mini-Circuits SLP-25 Datasheet HTML 3Page - Mini-Circuits SLP-25 Datasheet HTML 4Page - Mini-Circuits SLP-25 Datasheet HTML 5Page - Mini-Circuits SLP-25 Datasheet HTML 6Page - Mini-Circuits SLP-25 Datasheet HTML 7Page - Mini-Circuits SLP-25 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Coaxial
SLP-25+
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5 W max.
Permanent damage may occur if any of these limits are exceeded.
REV.OR
ECO-002880
SLP-25+
EDU3730
URJ
200604
Page 2 of 3
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
F1 F2 F3
FREQUENCY (MHz)
DC
F5
F4
RF IN
RF OUT
50W
DC to 25 MHz
Low Pass Filter
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
SLP-25+
INSERTION LOSS (Zoomed)
Applications
• Defense communications
• Transmitters / Receivers
• Harmonic rejection
Features
• Low insertion loss, 0.5 dB typ.
• High rejection
• Good VSWR, 1.3:1 typical in passband
• Sharp cut-off
• Rugged shielded case
• Connectorized package
CASE STYLE: FF99
Connectors
Model
SMA
SLP-25+
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(ns)
0.5
0.04
1.02
0.5
31.95
10.0
0.14
1.05
1.0
31.83
20.0
0.29
1.17
2.0
31.56
22.0
0.40
1.32
3.0
31.53
24.0
0.45
1.29
4.0
31.49
25.0
0.46
1.15
5.0
31.57
26.0
0.61
1.30
6.0
31.74
28.0
2.93
3.98
7.0
31.97
34.0
20.62
58.66
8.0
32.25
36.0
25.67
74.25
9.0
32.58
38.0
30.24
84.45
10.0
32.94
40.0
34.44
93.05
12.0
33.82
47.0
47.29
113.06
13.0
34.35
100.0
73.54
147.30
14.0
34.96
300.0
86.95
174.56
15.0
35.67
400.0
87.14
162.64
16.0
36.51
500.0
87.91
142.65
20.0
41.27
600.0
82.54
138.37
21.0
42.97
800.0
71.23
107.38
25.0
59.79
1000.0
67.50
80.03
28.0
66.79
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
FREQUENCY (MHz)
SLP-25+
INSERTION LOSS
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
5
10
15
20
25
30
FREQUENCY (MHz)
SLP-25+
VSWR
25
35
45
55
65
75
0
5
10
15
20
25
30
FREQUENCY (MHz)
SLP-25+
GROUP DELAY
Generic photo used for illustration purposes only
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC - 25
—
0.5
1
dB
Freq. Cut-Off
F2
28
—
3.0
—
dB
VSWR
DC-F1
DC - 25
—
1.3
1.7
:1
Stop Band
Rejection Loss
F3-F4
36 - 47
20
25
—
dB
F4-F5
47 - 1000
40
45
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com