Electronic Components Datasheet Search
  English  ▼

X  

SRAD830 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRAD830
Description  8.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAD830 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRAD830 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAD830 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 119 -
RATINGS AND CHARACTERISTIC CURVES (SRAD820 THRU
)
SRAD860
FIG.1- FORWARD
CURVE
CURRENT DERATING
105
130
FIG.2-TYPICAL FORWARD CHARACTERISTICS
PER LEG
FIG.3- TYPICAL REVERSE CHARACTERISTICS
PER LEG
125
115
110
90
0.01
CASE TEMPERATURE. ( C)
O
0
10
80
100
120
Tj=25 C
Tj=125 C
Tj=100 C
Tj=125 C
PERCENT OF RATED PEAK REVERSE VOLTAGE.
100
0.1
1
10
0
5
10
15
20
25
30
35
FIG.4- TYPICAL JUNCTION
PER LEG
CAPACITANCE
1
Tj=25 C
REVERSE VOLTAGE. (V)
1000
100
10
95
85
9
8
7
6
5
4
3
2
1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
10
50
FORWARD VOLTAGE. (V)
SRAD850-860
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
SRAD820-840
60
30
3
0.4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com