Electronic Components Datasheet Search
  English  ▼

X  

SRAS2035 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRAS2035
Description  20.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRAS2035 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRAS2035 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRAS2035 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 186 -
SRAS2035 THRU SRAS2045
20.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
35 to 45 Volts
Current
20.0 Amperes
Features
For surface mounted application
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: D
2PAK molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Lead solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260
OC/10 seconds at terminals
Weight: 1.70 grams
D
2PAK
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SRAS2035 SRAS2040 SRAS2045
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
40
45
V
Maximum RMS Voltage
VRMS
25
28
32
V
Maximum DC Blocking Voltage
VDC
35
40
45
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
20.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
350
A
Maximum Instantaneous Forward Voltage
@ 20.0A
@ 40.0A
VF
0.57
0.73
V
Maximum D.C. Reverse Current
@ Tj=25
℃
at Rated DC Blocking Voltage
@ Tj=125
℃
IR
2.7
105
mA
mA
Typical Thermal Resistance (Note 1)
R
θJC
1.5
℃/W
Typical Junction Capacitance (Note 2)
pF
900
pF
Operating Junction Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Thermal Resistance from Junction to Case Per Leg,
2. Measured at 1MHz and Applied Reverse Voltage of 5.0V D.C.
"


Similar Part No. - SRAS2035

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAS2030 TSC-SRAS2030 Datasheet
163Kb / 2P
20.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS2030 TSC-SRAS2030 Datasheet
134Kb / 2P
20.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS2030 TSC-SRAS2030 Datasheet
214Kb / 4P
Surface Mount Schottky Barrier Rectifiers
logo
Inchange Semiconductor ...
SRAS2030 ISC-SRAS2030 Datasheet
274Kb / 2P
Schottky Barrier Rectifier
More results

Similar Description - SRAS2035

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2035CT TSC-MBRS2035CT Datasheet
81Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT Datasheet
98Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020 Datasheet
90Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020 Datasheet
59Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020 Datasheet
78Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR2035PTV TSC-MBR2035PTV Datasheet
365Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020 TSC-SR2020_10 Datasheet
593Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR2035CT TSC-MBR2035CT_11 Datasheet
208Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com