Electronic Components Datasheet Search
  English  ▼

X  

SRD640 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SRD640
Description  6.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRD640 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SRD640 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRD640 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 106 -
Marking
0 5
0 5
30
5
.250(6.55)
.246(6.45)
.211(5.36)
.207(5.26)
.024(0.60)
.031(0.80)
.093(2.35)
.089(2.25)
.013(0.54)
.011(0.48)
.053(1.30)
.045(1.10)
.059(1.45)
.039(0.95)
.112(2.85)
.092(2.35)
.211(5.36)
.207(5.26)
.013(0.54)
.011(0.48)
12
3
SRD620 THRU SRD660
6.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
20 to 60 Volts
Current
6.0 Amperes
Features
Extremely fast switching
Extremely low forward drop
Guaranteed reverse avalanche
Mechanical Data
Cases: Epoxy, molded
Weight: 0.4 gram (approximately)
Finish: All external surfaces corrosion
resistant and terminal leads are readily
solderable
Lead and mounting surface temperature for
soldering purposes: 260
OC max. for 10
seconds
Shipped 75 units per plastic tube
Marking: SRD620, SRD630, SRD640,
SRD650, SRD660
D
-PAK
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SRD
620
SRD
630
SRD
640
SRD
650
SRD
660
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
V
Maximum Average Forward Rectified Current at
TC= 100
℃
I(AV)
6.0
A
Nonrepetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 HZ)
IFSM
75
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
0.55
0.7
V
Maximum D.C. Reverse Current
@ Tc=25
℃
at Rated DC Blocking Voltage
@ Tc=125
℃
IR
0.3
15
mA
mA
Maximum Thermal Resistance Per Leg
(Note 2)
R
θJC
R
θJA
6
80
℃/W
Operating Junction Temperature Range
TJ
-65 to +125
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. 2.0us Pulse Width, f=1.0KHZ.
2. Thermal Resistance from Junction to Case and Thermal Resistance from Junction to Ambient.


Similar Part No. - SRD640

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SRD602 MCC-SRD602 Datasheet
375Kb / 2P
Schottky Barrier Rectifier 20 to 60 Volts 6.0 Amp
SRD603 MCC-SRD603 Datasheet
375Kb / 2P
Schottky Barrier Rectifier 20 to 60 Volts 6.0 Amp
SRD604 MCC-SRD604 Datasheet
375Kb / 2P
Schottky Barrier Rectifier 20 to 60 Volts 6.0 Amp
SRD605 MCC-SRD605 Datasheet
375Kb / 2P
Schottky Barrier Rectifier 20 to 60 Volts 6.0 Amp
SRD606 MCC-SRD606 Datasheet
375Kb / 2P
Schottky Barrier Rectifier 20 to 60 Volts 6.0 Amp
More results

Similar Description - SRD640

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
6.0 AMPS. SILICON RECTIFIERS????
logo
Taiwan Semiconductor Co...
6A05 TSC-6A05 Datasheet
68Kb / 2P
6.0 AMPS. Silicon Rectifiers
6A05 TSC-6A05_1 Datasheet
243Kb / 2P
6.0 AMPS. Silicon Rectifiers
P600A TSC-P600A Datasheet
66Kb / 2P
6.0 AMPS Silicon Rectifiers
P600A TSC-P600A_1 Datasheet
244Kb / 2P
6.0 AMPS Silicon Rectifiers
TS750 TSC-TS750 Datasheet
66Kb / 2P
6.0 AMPS. Silicon Rectifiers
logo
Yangzhou yangjie electr...
6A05 YANGJIE-6A05 Datasheet
55Kb / 2P
6.0 AMPS. SILICON RECTIFIERS
P600A-P6A05 YANGJIE-P600A-P6A05 Datasheet
854Kb / 2P
6.0 AMPS. SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
6A05 TSC-6A05_10 Datasheet
509Kb / 2P
6.0 AMPS. Silicon Rectifiers
logo
New Jersey Semi-Conduct...
6A05 NJSEMI-6A05 Datasheet
74Kb / 1P
6.0 AMPS. Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com