Electronic Components Datasheet Search
  English  ▼

X  

SRD650 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRD650
Description  6.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRD650 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRD650 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRD650 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 107 -
RATINGS AND CHARACTERISTIC CURVES (SRD620 THRU SRD660)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
80
100
160
130
120
110
90
1000
0
1
2
4
3
5
6
100
V REVERSE VOLTAGE. (VOLTS)
R
Tj=125 C
Tj=25 C
0
8
7
140
150
CASE TEMPERATURE. ( C)
o
100
10
FIG.2- TYPICAL JUNCTION CAPACITANCE PER LEG
30
20
10
040
50
60
80
Tj=75 C
O
FIG.3- TYPICAL REVERSE CHARACTERISTICS
PER LEG
10
1
0.1
0.01
0.001
60
120
40
80
20
100
0
PERCENT OF RATED PEAK REVERSE VOLTAGE.
140
FIG.4- TYPICAL FORWARD CHARACTERISTICS
PER LEG
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1
10
50
FORWARD VOLTAGE. (V)
SRD620-SRD640
SRD
650-S
RD
660
Tj=25oC
Pulse Width=300 s
1% Duty Cycle
Tj=125 C
O
Tj=25 C
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com