Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS266DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS266DR
Description  SN74HCS266 Quadruple 2-Input XNOR gates with Open-Drain Outputs and Schmitt-Trigger Inputs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS266DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HCS266DR Datasheet HTML 3Page - Texas Instruments SN74HCS266DR Datasheet HTML 4Page - Texas Instruments SN74HCS266DR Datasheet HTML 5Page - Texas Instruments SN74HCS266DR Datasheet HTML 6Page - Texas Instruments SN74HCS266DR Datasheet HTML 7Page - Texas Instruments SN74HCS266DR Datasheet HTML 8Page - Texas Instruments SN74HCS266DR Datasheet HTML 9Page - Texas Instruments SN74HCS266DR Datasheet HTML 10Page - Texas Instruments SN74HCS266DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
One of Four Channels
xA
xB
xY
7
SN74HCS266
www.ti.com
SCLS780 – JUNE 2020
Product Folder Links: SN74HCS266
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
This device contains four independent 2-input XNOR gates with open-drain outputs and Schmitt-trigger inputs.
Each gate performs the Boolean function Y = A
⊕ B in positive logic.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 CMOS Open-Drain Outputs
The open-drain output allows the device to sink current to GND but not to source current from VCC. When the
output is not actively pulling the line low, it will go into a high impedance state. This allows the device to be used
for a wide variety of applications, including up-translation and down-translation, as the output voltage can be
determined by an external pull-up resistor.
The current drive capability of this device creates fast edges into light loads, so routing and load conditions
should be considered to prevent ringing. Additionally, the outputs of this device are capable of driving larger
currents than the device can sustain without being damaged. It is important for the power output of the device to
be limited to avoid thermal runaway and damage due to over-current. The electrical and thermal limits defined
the in the Absolute Maximum Ratingsmust be followed at all times.
The SN74HCS266 can drive a load with a total capacitance less than or equal to the maximum load listed in the
Switching Characteristics connected to a high-impedance CMOS input while still meeting all of the datasheet
specifications. Larger capacitive loads can be applied, however it is not recommended to exceed the provided
load value. If larger capacitive loads are required, it is recommended to add a series resistor between the output
and the capacitor to limit output current to the values given in the Absolute Maximum Ratings.
8.3.2 CMOS Schmitt-Trigger Inputs
Standard CMOS inputs are high impedance and are typically modeled as a resistor from the input to ground in
parallel with the input capacitance given in the Electrical Characteristics. The worst case resistance is calculated
with the maximum input voltage, given in the Absolute Maximum Ratings, and the maximum input leakage
current, given in the Electrical Characteristics, using ohm's law (R = V ÷ I).
The Schmitt-trigger input architecture provides hysteresis as defined by ΔVT in the Electrical Characteristics,
which makes this device extremely tolerant to slow or noisy inputs. While the inputs can be driven much slower
than standard CMOS inputs, it is still recommended to properly terminate unused inputs. Driving the inputs slowly
will also increase dynamic current consumption of the device. For additional information regarding Schmitt-trigger
inputs, please see Understanding Schmitt Triggers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com