Electronic Components Datasheet Search
  English  ▼

X  

BAT46WS Datasheet(PDF) 5 Page - TECH PUBLIC Electronics co LTD

Part # BAT46WS
Description  Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

BAT46WS Datasheet(HTML) 5 Page - TECH PUBLIC Electronics co LTD

  BAT46WS Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(1) IR = 1 mA
Input signal: reverse pulse rise time tr = 0.6 ns; reverse voltage pulse duration tp = 100 ns; duty cycle δ = 0.05
Oscilloscope: rise time tr = 0.35 ns
Fig 10. Reverse recovery time test circuit and waveforms
trr
(1)
+
IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF ×RS
RS = 50 Ω
IF
D.U.T.
Ri = 50Ω
SAMPLING
OSCILLOSCOPE
t1
t2
P
t
duty cycle =
t1
t2
δ
The current ratings for the typical waveforms as shown in Figure 7, 8 and 9 are
calculated according to the equations:
with IM defined as peak current,
with IRMS defined as RMS current.
Fig 11. Duty cycle definition
IFAV = IM Xδ
IRMS I
at DC, and
F(AV)
=
IRMS I X
M
δ
=
WWW.TECHPUBLIC.COM.TW
BAT46W
Schottky Diodes
S
www.sot23.com.tw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com