Electronic Components Datasheet Search
  English  ▼

X  

ASL4501SHN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 5 Page - NXP Semiconductors

  ASL4501SHN Datasheet HTML 1Page - NXP Semiconductors ASL4501SHN Datasheet HTML 2Page - NXP Semiconductors ASL4501SHN Datasheet HTML 3Page - NXP Semiconductors ASL4501SHN Datasheet HTML 4Page - NXP Semiconductors ASL4501SHN Datasheet HTML 5Page - NXP Semiconductors ASL4501SHN Datasheet HTML 6Page - NXP Semiconductors ASL4501SHN Datasheet HTML 7Page - NXP Semiconductors ASL4501SHN Datasheet HTML 8Page - NXP Semiconductors ASL4501SHN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
5 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
[1]
For enhanced thermal and electrical performance, the exposed center pad of the package should be
soldered to board ground (and not to any other voltage level).
[2]
VGG1 and VGG2 are connected internally.
[3]
Refer to Figure 4 and Figure 14 for the recommended connections for pin FB1 and pin FB2.
FB2
15
feedback; to be connected to Vout2[3]
n.c.
16
not connected
SNL3
17
phase 3 sense low
SNH3
18
phase 3 sense high
GND
19
ground
G3
20
phase 3 gate driver
VGG2
21
gate driver supply 2[2]
G4
22
phase 4 gate driver
GND
23
ground
SNH4
24
phase 4 sense high
SNL4
25
ph3ase 4 sense low
SDI
26
SPI data input
SCLK
27
SPI clock
CSB
28
SPI chip select
EN
29
enable signal
VCC
30
external 5 V supply
SDO
31
SPI data output
GND
32
chip ground
Table 2.
Pin description[1] …continued
Symbol
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com