Electronic Components Datasheet Search
  English  ▼

X  

TS79L06 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS79L06
Description  3-Terminal Low Current Negative Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79L06 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS79L06 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79L06 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79L06 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79L06 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79L06 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79L06 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79L06 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS79L06 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS79L00 series
2-8
2003/12 rev. D
Absolute Maximum Rating
Input Voltage
Vin *
- 35
V
Input Voltage
Vin **
- 40
V
Power Dissipation
TO-92
TO-89
SOP-8
Pd
0.625
0.5
0.5
W
Operating Junction Temperature Range
TJ
0 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note :
* TS79L05 to TS79L18
** TS79L24
TS79L05 Electrical Characteristics
(Vin= -10V, Iout=40mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
- 4.80
- 5
- 5.20
Output voltage
Vout
-7.5V
≤Vin≤ -20V,
5mA
≤Iout≤100mA
- 4.75
- 5
- 5.25
V
Line Regulation
REGline
Tj=25
oC
-7.5V
≤Vin≤ -20V,
Io=40mA
--
50
150
5mA
≤Iout≤100mA
--
20
60
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤40mA
--
10
30
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
-8V
≤Vin≤ -20V
--
--
1.5
Quiescent Current Change
∆Iq
1mA
≤Iout≤40mA
--
--
0.1
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
40
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -8V
≤Vin≤ -18V
41
49
--
dB
Voltage Drop
Vdrop
Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com