Electronic Components Datasheet Search
  English  ▼

X  

TS317L Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS317L
Description  3-Terminal Adjustable Output Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS317L Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS317L Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS317L Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS317L
3-Terminal Adjustable Output Positive Voltage Regulator
Output Voltage Range From
1.25V to 37V
Output Current up to 100mA
General Description
The TS317L is adjustable 3-terminal positive voltage regulator capable of supplying in excess of 100mA over an output
voltage range of 1.25 V to 37 V. This voltage regulator is exceptionally easy to use and require only two external resistors
to set the output voltage. Further, it employs internal current limiting, thermal shutdown and safe area compensation,
making it essentially blow-out proof.
Besides replacing fixed regulators, the TS317L is useful in a wide variety of other applications. Since the regulator is
“floating “ and sees only the input-to-output differential voltage, supplies of several hundred volts can be regulated as long
as the maximum input-to-output differential is not exceeded.
Also, it makes an especially simple adjustable switching regulator, a programmable output regulator, or by connecting a
fixed resistor between the adjustment and output, the TS317L can be used as a precision current regulator. Supplyies
with electronic shutdown can be achieved by clamping the adjustment terminal to ground which programs the output to
1.25V where most loads draw little current.
The TS317L is offered in 3-pin TO-92 and SOP-8 package.
Features
Output current up to 100mA
Output Adjustable between 1.25 V and 37 V
Internal Thermal Overload Protection
Internal Short-Circuit Current Limiting Constant with
Temperature
Output Transistor Safe-Area Compensation
Floating Operation for High Voltage Applications
Eliminates Stocking Many Fixed Voltages
Output voltage offered in 4% tolerance
Ordering Information
Part No.
Operating Temp.
Package
TS317LCS
SOP-8
TS317LCT
-20 ~ +125
oC
TO-92
Standard Application
Vout = 1.25 V * (1 + R2 / R1 ) + Iadjj * R2
Since IAdj is controlled to less than 100 µA, the error
associated with this term is negligible in most applications
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point
on the Input ripple voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does
improve transient response.
Pin assignment:
1. Input
2. Output
3. Output
4. Adjust
5. N/C
6. Output
7. Output
8. N/C
Pin assignment:
1. Adjustable
2. Output
3. Input
TS317L
1-6
2003/12 rev. A


Similar Part No. - TS317L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
743Kb / 11P
3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
TS317LCSRL TSC-TS317LCSRL Datasheet
743Kb / 11P
3-Terminal Adjustable Positive Voltage Regulator
TS317LCSRL TSC-TS317LCSRL Datasheet
214Kb / 11P
3-Terminal Adjustable Positive Voltage Regulator
TS317LCSRL TSC-TS317LCSRL Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
More results

Similar Description - TS317L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
3-Terminal Adjustable Output Positive Voltage Regulator
PJ317 ETC1-PJ317 Datasheet
355Kb / 11P
3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317 Datasheet
401Kb / 8P
3-Terminal Adjustable Output Positive Voltage Regulator
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
3-Terminal Adjustable Positive Voltage Regulator
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL317L BELLING-BL317L Datasheet
426Kb / 6P
3-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
Three-terminal adjustable output positive voltage regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com