Electronic Components Datasheet Search
  English  ▼

X  

TLV9302IPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9302IPWR
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9302IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV9302IPWR Datasheet HTML 4Page - Texas Instruments TLV9302IPWR Datasheet HTML 5Page - Texas Instruments TLV9302IPWR Datasheet HTML 6Page - Texas Instruments TLV9302IPWR Datasheet HTML 7Page - Texas Instruments TLV9302IPWR Datasheet HTML 8Page - Texas Instruments TLV9302IPWR Datasheet HTML 9Page - Texas Instruments TLV9302IPWR Datasheet HTML 10Page - Texas Instruments TLV9302IPWR Datasheet HTML 11Page - Texas Instruments TLV9302IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
8
TLV9301, TLV9302, TLV9304
SBOS941B – FEBRUARY 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TLV9301 TLV9302 TLV9304
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
For VS = (V+) – (V–) = 4.5 V to 40 V (±2.25 V to ±20 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT
= VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage output swing from
rail
Positive and negative rail
headroom
VS = 40 V, RL = no load
3
mV
VS = 40 V, RL = 10 kΩ
50
75
VS = 40 V, RL = 2 kΩ
250
350
VS = 4.5 V, RL = no load
1
VS = 4.5 V, RL = 10 kΩ
20
30
VS = 4.5 V, RL = 2 kΩ
40
75
ISC
Short-circuit current
±60
mA
CLOAD
Capacitive load drive
See Typical Characteristics
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A
600
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
150
175
µA
TA = –40°C to 125°C
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com