Electronic Components Datasheet Search
  English  ▼

X  

TMP64 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP64
Description  TMP63-Q1 짹1% 100-k廓 Automotive Grade Linear Thermistor With 0402 and 0603 Package Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP64 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP64 Datasheet HTML 3Page - Texas Instruments TMP64 Datasheet HTML 4Page - Texas Instruments TMP64 Datasheet HTML 5Page - Texas Instruments TMP64 Datasheet HTML 6Page - Texas Instruments TMP64 Datasheet HTML 7Page - Texas Instruments TMP64 Datasheet HTML 8Page - Texas Instruments TMP64 Datasheet HTML 9Page - Texas Instruments TMP64 Datasheet HTML 10Page - Texas Instruments TMP64 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Bias Current (PA)
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
160
180
200
TMP6
-40 qC
25 qC
50 qC
100 qC
125 qC
Bias Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
20
40
60
80
100
120
140
160
180
200
TMP6
-40 qC
25 qC
50 qC
100 qC
125 qC
Bias Current (PA)
0
5
10
15
20
25
30
35
40
6000
6100
6200
6300
6400
6500
TMP1
TMP6
Bias Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
6000
6100
6200
6300
6400
6500
TMP6
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
175
200
TMP6
IBIAS = 1 PA
IBIAS = 2 PA
IBIAS = 10 PA
IBIAS = 20 PA
IBIAS = 40 PA
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
180
200
TMP6
VBIAS = 1.8 V
VBIAS = 2.5 V
VBIAS = 3.3 V
VBIAS = 5 V
7
TMP63-Q1
www.ti.com
SNIS215B – JANUARY 2020 – REVISED JUNE 2020
Product Folder Links: TMP63-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.6 Typical Characteristics
at TA = 25 °C, (unless otherwise noted)
Figure 1. Resistance vs. Ambient Temperature Using
Multiple Bias Currents
RBIAS = 100 kΩ with ±0.01 % tolerance
Figure 2. Resistance vs. Ambient Temperature Using
Multiple Bias Voltages
Figure 3. TCR vs. Sense Currents (ISNS)
RBias = 100 kΩ with ±0.01 % Tolerance
Figure 4. TCR as a Function of Sense Voltages, VSns
Figure 5. Supply Dependence Resistance vs. Bias Current
RBias = 100 kΩ ( ±0.01 % tolerance)
Figure 6. Supply Dependence vs. Bias Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com