Electronic Components Datasheet Search
  English  ▼

X  

TS1083CZ Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1083CZ
Description  7.5 Amp Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1083CZ Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1083CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1083CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1083CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1083CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1083CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1083CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VIN 4.75V
3.3V OUT
C1
10 F
C2
10 F
1
3
TS1083-3.3
Fixed Voltage Regulator(1)(2)
+
+
>
V
2/TAB
I
Q
(1) C1 NEEDED IF DEVICE IS FAR FROM FILTER CAPACITORS
(2) C2 REQUIRED FOR STABILITY
(1) C1 NEEDED IF DEVICE IS FAR FROM FILTER CAPACITORS
(2) C2 REQUIRED FOR STABILITY
Vin
4.75V
>
Vout
3.45V
C1
10
F
C2
10
F
IADJ
Vref
1
3
R1
133
1%
R2
232
1%
TS1083-ADJ
Adjustable Voltage Regulator(1)(2)
+
+
2/TAB
µµµµµ
µµµµµ
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
±±±±±
±±±±±
µµµµµ
µµµµµ
V
out = Vref(1+R2/R1) + IadjR2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com