Electronic Components Datasheet Search
  English  ▼

X  

TS1084 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1084
Description  5A Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1084 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1084 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1084 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1084 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1084 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1084 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1084 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS1084
1-6
2003/12 rev. A
TS1084
5A Low Dropout Positive Voltage Regulator
Pin assignment:
1.
Ground / Adj
2.
Output
3.
Input
Low Dropout Voltage 1.3V max.
General Description
The TS1084 Series are high performance positive voltage regulators are designed for use in applications requiring low
dropout performance at full rated current, Additionally, the PJ1084 Series provides excellent regulation over variations due
to changes in line, load and temperature. Outstanding features include low dropout performance at rated current, fast
transient response, internal current limiting and thermal shutdown protection of the output device. The TS1084 Series are
three terminal regulators with fixed and adjustable voltage options available in popular packages.
This series is offered in 3-pin TO-263, TO-220 and TO-252 package.
Features
Low dropout performance 1.3V max.
Full current rating over line and temperature.
Fast transient response
±2%Total output regulation over line, load and
temperature
Adjust pin current max 90µA over temperature
Line regulation typical 0.015%.
Load regulation typical 0.05%.
Fixed/adjustable output voltage
TO-220, TO-263 and TO-252 package
Block Diagram
Ordering Information
Part No.
Operating Temp.
(Ambient)
Package
TS1084CZ-xx
TO-220
TS1084CM-xx
TO-263
TS1084CP-xx
-20 ~ +85
oC
TO-252
Note: Where xx denotes voltage option, available are
5.0V, 3.3V and 2.5V. Leave blank for adjustable
version. Contact factory for additional voltage
options.
Absolute Maximum Rating
Input Supply Voltage
Vin
12
V
Operation Input Supply Voltage
Vin (operate)
7
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-25 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TO-220 / TO-263 Package
TO-252 Package
10
5
S
TO-263


Similar Part No. - TS1084

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084 Datasheet
427Kb / 8P
5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084CMRN TSC-TS1084CMRN Datasheet
278Kb / 8P
5A Low Dropout Positive Voltage Regulator
TS1084CMXXRN TSC-TS1084CMXXRN Datasheet
427Kb / 8P
5A Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1084

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1084U HSMC-H1084U Datasheet
57Kb / 5P
5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1084-XXXE3 CYSTEKEC-PL1084-XXXE3 Datasheet
168Kb / 4P
5A Low Dropout Positive Voltage Regulator
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_09 Datasheet
278Kb / 8P
5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084A-XXXF3 CYSTEKEC-PL1084A-XXXF3 Datasheet
293Kb / 6P
5A Low Dropout Positive Voltage Regulator
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com