Electronic Components Datasheet Search
  English  ▼

X  

TS1085 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1085
Description  3A Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1085 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1085 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1085 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1085 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1085 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1085 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1085 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS1085
1-6
2003/12 rev. A
TS1085
3A Low Dropout Positive Voltage Regulator
Pin assignment:
1.
Ground / Adj
2.
Output
3.
Input
Low Dropout Voltage 1.3V max.
General Description
The TS1085 Series are high performance positive voltage regulators are designed for use in applications requiring low
dropout performance at full rated current, additionally, the PJ1085 Series provides excellent regulation over variations due
to changes in line, load and temperature. Outstanding features include low dropout performance at rated current, fast
transient response, internal current limiting and thermal shutdown protection of the output device. The TS1085 Series are
three terminal regulators with fixed and adjustable voltage options available in popular packages.
This series is offered in 3-pin TO-263, TO-220 and TO-252 package.
Features
Low dropout performance 1.3V max.
Full current rating over line and temperature.
Fast transient response
±2%Total output regulation over line, load and
temperature
Adjust pin current max 90µA over temperature
Line regulation typical 0.015%.
Load regulation typical 0.05%.
Fixed/adjustable output voltage
TO-220, TO-263 and TO-252 package
Block Diagram
Ordering Information
Part No.
Operating Temp.
(Ambient)
Package
TS1085CZ-xx
TO-220
TS1085CM-xx
TO-263
TS1085CP-xx
-20 ~ +85
oC
TO-252
Note: Where xx denotes voltage option, available are
5.0V, 3.3V and 2.5V. Leave blank for adjustable
version. Contact factory for additional voltage
options.
Absolute Maximum Rating
Input Supply Voltage
Vin
12
V
Operation Input Supply Voltage
Vin (operate)
7
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-25 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TO-220 / TO-263 Package
TO-252 Package
10
5
S
TO-263


Similar Part No. - TS1085

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
425Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085 Datasheet
238Kb / 7P
3A Low Dropout Positive Voltage Regulator
TS1085CMRN TSC-TS1085CMRN Datasheet
275Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085CMRN TSC-TS1085CMRN Datasheet
238Kb / 7P
3A Low Dropout Positive Voltage Regulator
TS1085CMXXRN TSC-TS1085CMXXRN Datasheet
425Kb / 8P
3A Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1085

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
3A Low Dropout Positive Voltage Regulator
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
3A Low Dropout Positive Voltage Regulator
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com