Electronic Components Datasheet Search
  English  ▼

X  

TS1086 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1086
Description  1.5A Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1086 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1086 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1086 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1086 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1086 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1086 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1086 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS1086
2-2
2003/12 rev. B
Electrical Characteristics
Ta = 25
oC, unless otherwise specified. Adjustable version test with Vout = 2.5V.
Parameter
Conditions
Min
Typ
Max
Unit
Vout+1.5V
≤ Vin ≤ 7V, Io=10mA
0.990|Vo|
1.010|Vo|
V
Output Voltage
Vout+1.5V
≤ Vin ≤ 7V, Io=1.5A
0.980|Vo|
5.0 / 3.3
2.5 / 1.8
1.020|Vo|
V
(Vin-out) =1.5V, Io=10mA
0.990|Vo|
1.010|Vo|
V
Reference Voltage
(Vin-out) =1.5V, Io=1.5A
0.980|Vo|
1.25
1.020|Vo|
V
Input Supply Voltage
--
--
7
V
Line Regulation
Vout+1.5V
≤ Vin ≤ 7V, Io=10mA
--
0.015
0.2
%
%
Load Regulation (note 1,2)
Vin=Vout+1.5V,
10mA
≤ Io ≤ 1.5A
--
0.05
1.0
%
Dropout Voltage
Io=1.5A, ∆Vout=0.1%Vout
--
1.3
1.4
V
Minimum Load Current
Vin=5V
--
8
10
mA
Adjustable Pin Current
--
90
--
uA
Current Limit
Vin - Vout=3V
2.0
--
--
A
Temperature Stability
Io=10mA
--
0.5
--
%
Ripple Rejection
F = 120Hz, Io=1.5A Cout=25uF,
Vin=Vout + 3V
--
60
70
dB
Thermal Performance
Condition
Package type
Typ
Unit
TO-220
45
TO-263
45
TO-252
80
Thermal Resistance
Junction to Ambient
SOT-223
100
oC/W
Note 1: See thermal regulation specification for changes in output voltage due to heating effects. Line and load regulation
are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at
the output lead = 1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is
determined by the input / output voltage difference and the output current. Guaranteed maximum power
dissipation will not be available over the full input / output voltage range.
Note 3: Quiescent current is defined as the minimum output current required to maintain the regulation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com