Electronic Components Datasheet Search
  English  ▼

X  

TS1537 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1537
Description  Dual 1A Low Dropout Positive Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1537 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1537 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1537 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1537 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1537 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1537 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS1537A/B/C
1-5
2003/12 rev. B
TS1537A/B/C
Dual 1A Low Dropout Positive Voltage Regulator
Dual Output for 3.3V, 2.5V or 1.8V
Low Dropout Voltage 1.3V max.
General Description
The TS1537A, TS1537B & TS1537C are low dropout positive voltage regulators with minimum of 1A output current
capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as
high-speed bus termination and low current 3.3V/2.5V (TS1537A) or 3.3V/1.8V(TS1537B) or 2.5V/1.8V(TS1537C) logic
supply. This series are guaranteed to have less 1.4V dropout at full load current making it ideal to provide well regulated
outputs dual channels with up to 12V input supply.
This series is offered in 5-pin TO-263-5L package.
Features
Low dropout performance 1.3V max.
Full current rating over line and temperature.
Fast transient response
±
2%Total output regulation over line, load and
temperature
Build-in thermal shutdown each channel
Output current limiting for each channel
Good noise rejection
Channel 1=3.3V (TS1537A/B) or 2.5V (TS1537C)
Channel 2=2.5V (TS1537A) or 1.8V (TS1537B/C)
Block Diagram (each channel)
Ordering Information
Part No.
Operating Temp.
(Ambient)
Package
TS1537ACM5
TS1537BCM5
TS1537CCM5
-0 ~ +85
oC
TO-263-5L
Note: TS1537A is ch1=3.3V, ch2=2.5V,
TS1537B is ch1=3.3V, ch2=1.8V.
TS1537C is ch1=2.5V, ch2=1.8V.
Absolute Maximum Rating
Input Supply Voltage
Vin
12
V
Operation Input Supply Voltage
Vin (operate)
10
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
0 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
10
S
Pin assignment:
1. Input 2
2. Input 1
3. Ground
4. Output 1 (3.3V/2.5V)
5. Output 2 (2.5V/1.8V)


Similar Part No. - TS1537

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS15 SUNTAN-TS15 Datasheet
116Kb / 1P
CERAMIC DISC CAPACITOR
logo
CUI INC
TS15 CUI-TS15 Datasheet
376Kb / 4P
TACTILE SWITCH
04/13/2022
logo
Suntan Capacitors
TS15 SUNTAN-TS15 Datasheet
104Kb / 1P
CLASS I TEMPERATURE COMPENSATION
logo
CUI INC
TS15-1212-50-BK-160-SCR-D CUI-TS15-1212-50-BK-160-SCR-D Datasheet
376Kb / 4P
TACTILE SWITCH
04/13/2022
TS15-1212-65-BK-160-SCR-D CUI-TS15-1212-65-BK-160-SCR-D Datasheet
376Kb / 4P
TACTILE SWITCH
04/13/2022
More results

Similar Description - TS1537

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 1.0 Aug.17, 2004
AP1121 ANACHIP-AP1121 Datasheet
144Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 0.0 Mar. 4, 2004
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
AP1121 DIODES-AP1121 Datasheet
245Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1121 DIODES-AP1121_09 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120_15 Datasheet
322Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Rev 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com