Electronic Components Datasheet Search
  English  ▼

X  

TS1583 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1583
Description  1.5A Dual Input Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1583 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1583 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1583 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS1583 series
3-3
2003/12 rev. A
Thermal Performance
Condition
Package type
Typ
Unit
TO-220-5L
50
Thermal Resistance
Junction to Ambient
TO-263-5L
60
oC/W
Pin Description
Pin No.
Pin Name
Pin Description
1
Sense
This pin is the positive side of the reference voltage for this device. With this pin it is
possible to Kelvin Sense the output voltage at the load.
2
Adjust / Ground
This pin is the negative side of the reference voltage for this device. Transient
response can be improved by adding a small bypass capacitor from the adjust pin to
ground.
3
Output
This pin is power output of the device.
4
Control
This pin is the supply pin for the control circuitry for the device. The current flow into
this pin will be about 1% of the output current. For the device to regulate, the voltage
at this pin must be 1.3V greater than the output voltage.
5
Power
This pin is the collector of the power transistor. The output load current is supplied
through this pin. The voltage at this pin must be 0.7V greater than the output voltage
for the device to regulate.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com