Electronic Components Datasheet Search
  English  ▼

X  

M61504 Datasheet(PDF) 16 Page - Mitsubishi Electric Semiconductor

Part # M61504
Description  DIGITAL SOUND CONTROLLER WITH SURROUND
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61504 Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Back Button M61504 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ELECTRIC
MITSUBISHI
M61504FP
(
/
)
17
MITSUBISHI SOUND PROCESSORS
DIGITAL SOUND CONTROLLER WITH SURROUND
16
0.068µ
0.068µ
6800p
6800p
2700p
2.2µ
0.1µ
10k
10k
0.068µ
0.068µ
6800p
6800p
2700p
2.2µ
0.1µ
10k
10k
DATA
CLOCK
10µ
10µ
10µ
10µ
REC-A1
REC-B2
REC-B1
REC-A2
2.2µ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
50k
SURROUND
50k
50k
50k
50k
25k
25k
Volume
input
selector
A2
50k
100k
100k
100k
100k
100k
100k
100k
100k
12k
REC-B SW
REC-B SW
REC-A SW
REC-A SW
SW41
SW42
A
B
A
B
A
B
A
B
A
B
A
B
A
B
A
B
100k
100k
200k
200k
12k
9.5k
12k
9.5k
VOCAL
CUT
VCUT SW
VCUT SW
(1)Surround of outside setting(for Dolby-Pro-logic)
<"D54=1"--->SW41, 42 setting = B fixation.>
But, in case of this specification inside surround can not be used.
APPLICATION EXAMPLE
Units Resistance:
Ω
Capacitance:F
MAIN VOLUME1
-18~ -80dB,-
∞dB
MAIN VOLUME2
-18~ -80dB,-
∞dB
VOLUME
SELECTOR
B1
VOLUME
SELECTOR
B2
INPUT TONE
SELECTOR 1
INPUT TONE
SELECTOR 2
MAIN
VOLUME1
0~-16dB
MAIN
VOLUME2
0~-16dB
Volume
input
selector
A1
D
INPUT
ATT SW
D
INPUT
ATT SW
INPUT
VOLUME1
INPUT
VOLUME2
D
INPUT
ATT
SW
D
INPUT
ATT
SW
REF Amp.
IC for Dolby-Plo-
logic
IC for Dolby-Plo-
logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com