Electronic Components Datasheet Search
  English  ▼

X  

ZC2PD-E6653 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZC2PD-E6653
Description  Power Splitter/Combiner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZC2PD-E6653 Datasheet(HTML) 2 Page - Mini-Circuits

  ZC2PD-E6653 Datasheet HTML 1Page - Mini-Circuits ZC2PD-E6653 Datasheet HTML 2Page - Mini-Circuits ZC2PD-E6653 Datasheet HTML 3Page - Mini-Circuits ZC2PD-E6653 Datasheet HTML 4Page - Mini-Circuits ZC2PD-E6653 Datasheet HTML 5Page - Mini-Circuits ZC2PD-E6653 Datasheet HTML 6Page - Mini-Circuits ZC2PD-E6653 Datasheet HTML 7Page - Mini-Circuits ZC2PD-E6653 Datasheet HTML 8Page - Mini-Circuits ZC2PD-E6653 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Electrical Specifications at 25°C
2 Way-0°
50Ω
6000 to 65000 MHz
REV. OR
ECO-002144
ZC2PD-E6653+
GY/CP/AM
200311
Features
• Ultra wideband, 18000 - 65000 MHz
• Low insertion loss, 1.0 dB typ.
• Low amplitude unbalance, 0.06 dB typ.
• Excellent VSWR, 1.15:1 typ.
• High isolation, 31 dB typ.
Applications
• 5G
• Fixed satellite
• Space research
• Mobile
ZC2PD-E6653+
Connectors
Model
1.85mm-Fem
ZC2PD-E6653+
CASE STYLE: UU2624-3
3.0
3.5
4.0
4.5
5.0
5.5
5000
15000 25000 35000 45000 55000 65000
FREQUENCY (MHz)
ZC2PD-E6653+
TOTAL LOSS
S-1 (dB)
S-2 (dB)
20
25
30
35
40
45
5000
15000 25000 35000 45000 55000 65000
FREQUENCY (MHz)
ZC2PD-E6653+
ISOLATION
1.0
1.1
1.2
1.3
1.4
1.5
5000
15000
25000
35000
45000
55000
65000
FREQUENCY (MHz)
ZC2PD-E6653+
VSWR
#S-VSWR
#1-VSWR
#2-VSWR
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Typical Performance Data
Frequency
(MHz)
Total Loss1
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
6000
3.36
3.35
0.01
25.85
0.41
1.05
1.10
1.11
8000
3.44
3.43
0.01
28.16
0.51
1.12
1.23
1.22
12000
3.55
3.53
0.02
30.06
0.74
1.11
1.06
1.06
16000
3.69
3.67
0.02
39.09
0.95
1.14
1.16
1.17
20000
3.78
3.75
0.03
37.26
1.25
1.07
1.08
1.08
24000
3.96
3.90
0.05
28.75
1.58
1.23
1.23
1.20
28000
4.06
3.99
0.07
27.35
1.60
1.28
1.18
1.11
32000
4.12
4.04
0.08
30.03
1.88
1.03
1.12
1.10
36000
4.22
4.13
0.09
31.25
1.96
1.01
1.09
1.08
40000
4.49
4.39
0.10
29.95
2.16
1.37
1.32
1.30
46000
4.62
4.51
0.11
27.16
2.43
1.31
1.21
1.20
50000
4.74
4.62
0.12
31.17
2.74
1.17
1.24
1.22
56000
4.95
4.81
0.14
24.68
2.84
1.21
1.10
1.09
60000
5.15
4.99
0.16
26.57
3.33
1.30
1.18
1.10
65000
5.22
5.09
0.13
29.78
3.15
1.20
1.02
1.08
1. Total Loss = Insertion Loss + 3dB splitter theoretical loss.
Outline Drawing
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
1.15
1.06
.50
.575
.883
.089
.25
29.21 26.92 12.70 14.61 22.43
2.26
6.35
H
J
K
wt
.094
.56
.43
grams
2.39 14.22 10.92
50
PORT S
RF+DC
PORT 1
RF+DC
PORT 2
RF+DC
DC THROUGH
Electrical Schematic
Coaxial Connections
Sum Port
S
Port 1
1
Port 2
2
Maximum Ratings
Permanent damage may occur if any of these limits are exceeded.
* Derate linearly to 5.2W at 100°C
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
12W* max.
Internal Dissipation
0.78W max.
DC Current
321mA
Power Splitter/Combiner
DC Pass, High Power
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
6000
65000
MHz
Insertion Loss Above 3.0 dB
6000-18000
0.5
1.2
dB
18000-40000
1.0
1.8
40000-50000
1.5
2.0
50000-65000
1.9
2.7
Isolation
6000-18000
16
33
dB
18000-40000
16
31
40000-50000
16
30
50000-65000
16
32
Phase Unbalance
6000-18000
0.4
4
Degree
18000-40000
1.0
5
40000-50000
1.7
7
50000-65000
2.6
9
Amplitude Unbalance
6000-18000
0.02
0.3
dB
18000-40000
0.06
0.4
40000-50000
0.11
0.6
50000-65000
0.15
0.8
VSWR (Port S)
6000-18000
1.07
1.6
:1
18000-40000
1.15
1.7
40000-50000
1.20
1.8
50000-65000
1.15
1.9
VSWR (Port 1-2)
6000-18000
1.09
1.6
:1
18000-40000
1.12
1.7
40000-50000
1.17
1.8
50000-65000
1.13
1.9
Generic photo used for illustration purposes only



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com