Electronic Components Datasheet Search
  English  ▼

X  

TS2411 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2411
Description  Tong Ringer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2411 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2411 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2411 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2411 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2411 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2411 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2411 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS2411
2-6
2004/09 rev. B
Absolute Maximum Rating
Description
Symbol
Value
Unit
DC Supply Voltage (Referenced to GND)
VCC
+ 36
V
Power Dissipation in Still Air Plastic DIP
PD
400
mW
Switch Collector Voltage
Tstg
-65 to +150
oC
Note:
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
Recommended Operating Conditions
Description
Symbol
Min
Max
Unit
Operating Voltage
Vopr
13
36
V
Operating Temperature
TA
-45
+65
oC
Note:
This device contains protection circuitry circuitry to guard against damage due to high static voltages or electric
fidlds. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to
this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND≦(VIN or VOUT)≦Vcc.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,either GND or Vcc). Unused outputs must
be left open.
Electrical Characteristics (Voltages Referenced to GND,TA=-20 to +70
oC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Initiation Supply Voltage (1)
VSI
See Figure 2
16.8
--
21.2
V
Initiation Supply Current (1)
ISI
See Figure 2
1.4
--
4.2
mA
Sustaining Voltage (1)
VSUS
See Figure 2
9.5
--
12.2
V
Sustaining Current
ISUS
See Figure 2
0.7
--
2.5
mA
High-Level Output Voltage
VOH
Vcc=21V,IOH=-15mA,
Pin6=6V, Pin7=GND
16.7
--
21.0
V
Low-Level Output Voltage
VOL
Vcc=21V,IOL=15mA,
Pin6= GND, Pin7=6V
--
--
1.8
V
Pin3 =6V, Pin4 =GND, Vcc=21V
--
--
1.0
μ
A
Maximun Input Leakage Current
IIN
Pin7 =6V, Pin6 =GND, Vcc=21V
--
--
1.0
μ
A
High Frequency 1
FH1
R3 =191KΩ,C3 =6800pF
461
--
563
HZ
High Frequency 2
FH2
R3 =191KΩ,C3 =6800pF
576
--
704
HZ
Low Frequency
FL
R2 =165KΩ,C2 =0.47uF
9.0
--
11.0
HZ
Ringing Start Voltage (4)
Vtr
See Figure 1
--
--
36
V
Notes
: 1. Initiation supply voltage (VSI) is the supply voltage required to start the tone ringer oscillating.
2. Sustaining voltage (VSUS) is the supply voltage required to maintain oscillation.
3. Ringing start voltage is the value of AC supply voltage required to start the tone ringer ringing in FIG.3
4. This product is not designed for protection against radioactive rays.
5. All data and specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com