Electronic Components Datasheet Search
  English  ▼

X  

FTC3356U Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC3356U
Description  HIGH-Frequency Amplifier Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC3356U Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC3356U Datasheet HTML 1Page - First Silicon Co., Ltd FTC3356U Datasheet HTML 2Page - First Silicon Co., Ltd FTC3356U Datasheet HTML 3Page - First Silicon Co., Ltd FTC3356U Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2012. 09. 03
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTC3356U
Revision No : 0
1
3
2
SC-70 / SOT– 323
DESCRIPTION
The FTC3356U is an NPN silicon epitaxial transistor designed for
low noise amplifier at VHF, UHF and CATV band.
It has dynamic range and good current characteristic.
FEATURES
• Low Noise and High Gain
NF = 1.1 dB TYP., Ga = 11 dB TYP. @VCE = 10 V, IC = 7 mA, f = 1.0 GHz
• High Power Gain
MAG = 13 dB TYP. @VCE = 10 V, IC = 20 mA, f = 1.0 GHz
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
100
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
65 to +150
C
• We declare that the material of product compliance with RoHS requirements.
ORDERING INFORMATION
Device
Marking
Shipping
FTC3356U
3000/Tape & Reel
R24
ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
1.0
A
VCB = 10 V, IE = 0
Emitter Cutoff Current
IEBO
1.0
A
VEB = 1.0 V, IC = 0
DC Current Gain
hFE
82
170
270
VCE = 3 V, IC = 10 mA
Gain Bandwidth Product
fT
7
GHz
VCE = 10 V, IC = 20 mA
Feed-Back Capacitance
Cre**
0.55
1.0
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Insertion Power Gain
S21e
2
11.5
dB
VCE = 10 V, IC = 20 mA, f = 1.0 GHz
V
B
d
0
.
2
1
.
1
F
N
e
r
u
g
i
F
e
s
i
o
N
CE
= 10 V, IC = 7 mA, f = 1.0 GHz
*
Pulse Measurement PW
350
s, Duty Cycle
2 %
* The emitter terminal and the case shall be connected to the guard terminal of the three-terminal capacitance bridge.


Similar Part No. - FTC3356U

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC3356 FS-FTC3356 Datasheet
82Kb / 4P
HIGH-Frequency Amplifier Transistor
More results

Similar Description - FTC3356U

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Guangdong Kexin Industr...
2SC3838K KEXIN-2SC3838K Datasheet
38Kb / 1P
High-Frequency Amplifier Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2SC2058 SEMTECH_ELEC-ST2SC2058 Datasheet
138Kb / 2P
High-frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_11 Datasheet
134Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC4083PWT1G LRC-L2SC4083PWT1G_11 Datasheet
150Kb / 2P
High-Frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G Datasheet
153Kb / 2P
High-Frequency Amplifier Transistor
L2SC3356WT1G LRC-L2SC3356WT1G_15 Datasheet
173Kb / 4P
High frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G_15 Datasheet
186Kb / 2P
High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_15 Datasheet
154Kb / 3P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3837DW1T1 LRC-L2SC3837DW1T1 Datasheet
53Kb / 2P
High-Frequency Amplifier Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com