Electronic Components Datasheet Search
  English  ▼

X  

FTC5635 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC5635
Description  High-FrequencyAmplifier Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC5635 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC5635 Datasheet HTML 1Page - First Silicon Co., Ltd FTC5635 Datasheet HTML 2Page - First Silicon Co., Ltd FTC5635 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2012. 09. 03
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTC5635
Revision No : 0
1
3
2
SC-70 / SOT– 323
High-Frequency Amplifier
Transistor
Features
1.High gain bandwidth product.(Typ.f
T
=8.0GHz)
2.High gain,low noise
3.Can operate at low voltage
MAXIMUM RATINGS (TA = 25
°C unless otherwise noted)
Parameter
Symbol
Value
Unit
V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
CBO
15
V
Collector-Emitter Voltage
VCEO
6
V
V
e
g
a
t
l
o
v
e
s
a
b
-
r
e
t
t
i
m
E
EBO
I
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
C
50
mA
Collector power dissipation
PC
150
mW
T
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
j
125
°C
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55~+125
°C
DEVICE MARKING
FTC5635 = HF1
4.
ORDERING INFORMATION
Device
Package
Shipping
FTC5635
3000/Tape & Reel
SC-70
We declare that the material of product compliance with RoHS requirements.
1.5
V
ELECTRICAL CHARACTERISTICS(TA = 25
°C)
p
y
T
.
n
i
M
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Max.
Unit
Conditions
Collector cutoff current
I
CBO
-
-
1.0
µA
V
CB=10V,
Emitter cutoff current
I
EBO
-
-
1.0
µA
V
EB=1V ,
Insertion power gain
21
-
DC current transfer ratio
h
FE
50
-
250
-
V
CE
I
C
=5V,
Transition frequency
f
T
5.0
8.0
-
GHz
V
CE=5V,
I
E=10mA
Output capacitance
Cob
-
1.0
pF
V
CB=5V,
I
E=0A, f=1MHz
F
N
r
o
t
c
a
f
e
s
i
o
N
-
1.4
-
dB
V
CE=5V,
I
C=5mA, f=1GHz
S
2
-
dB
9.0
12.0
CE=5V,
I
C=10A, f=1GHz
V
I
C=0mA
I
E=0mA
=10mA


Similar Part No. - FTC5635

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
FTC5658Q FS-FTC5658Q Datasheet
498Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
FTC5658R FS-FTC5658R Datasheet
498Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
More results

Similar Description - FTC5635

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
HIGH VOLTAGE TRANSISTOR
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
HIGH VOLTAGE TRANSISTOR
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
High Voltage Transistor
logo
Unisonic Technologies
MMBTA43 UTC-MMBTA43_15 Datasheet
97Kb / 4P
HIGH VOLTAGE TRANSISTOR
UP1855A UTC-UP1855A_15 Datasheet
200Kb / 4P
HIGH CURRENT TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
First Silicon Co., Ltd
FTC3837 FS-FTC3837 Datasheet
124Kb / 3P
High-FrequencyAmplifier Transistor
FTC3838 FS-FTC3838 Datasheet
100Kb / 2P
High-FrequencyAmplifier Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com