Electronic Components Datasheet Search
  English  ▼

X  

MMBTA42 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MMBTA42
Description  HighVoltageTransistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA42 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MMBTA42 Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA42 Datasheet HTML 2Page - First Silicon Co., Ltd MMBTA42 Datasheet HTML 3Page - First Silicon Co., Ltd MMBTA42 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Voltage Transistors
MAXIMUM RATINGS
Rating
Symbol
MMBTA42
MMBTA43 Unit
Collector–Emitter Voltage
V CEO
300
200
Vdc
Collector–Base Voltage
V CBO
300
200
Vdc
Emitter–Base Voltage
V EBO
6.0
6.0
Vdc
Collector Current — Continuous
I C
500
mAdc
THERMAL CHARACTERISTICS
a
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
x
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
225
mW
TA = 25°C
8
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) TA = 25°C
4
.
2
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
i
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(3)
V (BR)CEO
Vdc
(I C = 1.0 mAdc, I B
—
0
0
3
2
4
A
T
B
M
M
)
0
=
—
0
0
2
3
4
A
T
B
M
M
Collector–Base Breakdown Voltage
V (BR)CBO
Vdc
(I C= 100
µAdc, I
E
—
0
0
3
2
4
A
T
B
M
M
)
0
=
—
0
0
2
3
4
A
T
B
M
M
Emitter–Base Breakdown Voltage
V (BR)EBO
6.0
—
Vdc
(I E= 100
µAdc, I
C
= 0)
I
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
C
CBO
µAdc
( V CB= 200Vdc, I E
1
.
0
—
2
4
A
T
B
M
M
)
0
=
( V CB= 160Vdc, I E
1
.
0
—
3
4
A
T
B
M
M
)
0
=
I
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
E
EBO
µAdc
( V EB= 6.0Vdc, I C
1
.
0
—
2
4
A
T
B
M
M
)
0
=
( V EB= 4.0Vdc, I C
1
.
0
—
3
4
A
T
B
M
M
)
0
=
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width <300
µs, Duty Cycle <2.0%.
Value
2
EMITTER
3
COLLECTOR
1
BASE
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Package
Shipping
MMBTA42
1D
SOT-23
3000/Tape&Reel
MMBTA43
M1E
SOT-23
3000/Tape&Reel
We declare that the material of product
compliance with RoHS requirements.
SEMICONDUCTOR
TECHNICAL DATA
MMBTA42/43
SOT–23
1
3
2
2007. 12. 18
1/4
Revision No : 0


Similar Part No. - MMBTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA42 PHILIPS-MMBTA42 Datasheet
43Kb / 8P
NPN high-voltage transistor
2000 Apr 11
logo
STMicroelectronics
MMBTA42 STMICROELECTRONICS-MMBTA42 Datasheet
56Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jan-2003
logo
Transys Electronics
MMBTA42 TRSYS-MMBTA42 Datasheet
137Kb / 1P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA42 ZOWIE-MMBTA42 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Fairchild Semiconductor
MMBTA42 FAIRCHILD-MMBTA42 Datasheet
657Kb / 14P
NPN High Voltage Amplifier
More results

Similar Description - MMBTA42

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA42LT1 LRC-LMBTA42LT1 Datasheet
81Kb / 4P
HighVoltageTransistors
LMBTA42LT1G LRC-LMBTA42LT1G_11 Datasheet
389Kb / 6P
HighVoltageTransistors RoHS requirements.
LMBTA42LT1G LRC-LMBTA42LT1G_15 Datasheet
395Kb / 4P
HighVoltageTransistors
logo
Shanghai Leiditech Elec...
LMBTA42LT1G LEIDITECH-LMBTA42LT1G Datasheet
498Kb / 4P
HighVoltageTransistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com