Electronic Components Datasheet Search
  English  ▼

X  

MMBTA92 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MMBTA92
Description  HighVoltageTransistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA92 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MMBTA92 Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA92 Datasheet HTML 2Page - First Silicon Co., Ltd MMBTA92 Datasheet HTML 3Page - First Silicon Co., Ltd MMBTA92 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Voltage Transistor
MAXIMUM RATINGS
Rating
Symbol
MMBTA92 MMBTA93
Unit
Collector–Emitter Voltage
V CEO
–300
–200
Vdc
Collector–Base Voltage
V CBO
–300
–200
Vdc
Emitter–Base Voltage
V EBO
–5.0
Vdc
Collector Current — Continuous
I C
–500
mAdc
THERMAL CHARACTERISTICS
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
8
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
300
mW
Alumina Substrate, (2) TA = 25°C
4
.
2
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
Value
2
EMITTER
3
COLLECTOR
1
BASE
FEATURE
High voltage.
For Telephony or Professional communication equipment applications.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
MMBTA92
2D
3000/Tape&Reel
MMBTA93
2E
3000/Tape&Reel
PNP Silicon
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.
We declare that the material of product compliance with RoHS requirements.
SEMICONDUCTOR
TECHNICAL DATA
MMBTA92/93
SOT–23
1
3
2
2007. 12. 18
1/4
Revision No : 0


Similar Part No. - MMBTA92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA92 PHILIPS-MMBTA92 Datasheet
43Kb / 8P
PNP high-voltage transistor
2000 Apr 11
logo
STMicroelectronics
MMBTA92 STMICROELECTRONICS-MMBTA92 Datasheet
56Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Jan-2003
logo
Transys Electronics
MMBTA92 TRSYS-MMBTA92 Datasheet
162Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA92 ZOWIE-MMBTA92 Datasheet
57Kb / 3P
HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
655Kb / 14P
PNP High Voltage Amplifier
More results

Similar Description - MMBTA92

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA92LT1 LRC-LMBTA92LT1 Datasheet
82Kb / 4P
HighVoltageTransistor PNP Silicon
logo
WILLAS ELECTRONIC CORP
MMBTA9XLT1 WILLAS-MMBTA9XLT1 Datasheet
417Kb / 4P
HighVoltageTransistor
logo
Leshan Radio Company
LMBTA92LT1G LRC-LMBTA92LT1G_11 Datasheet
80Kb / 4P
HighVoltageTransistor PNP Silicon High voltage.
LMBTA92LT1G LRC-LMBTA92LT1G_15 Datasheet
102Kb / 4P
HighVoltageTransistor
logo
Shanghai Leiditech Elec...
LMBTA92LT1G LEIDITECH-LMBTA92LT1G Datasheet
565Kb / 4P
HighVoltageTransistor PNP Silicon
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com