Electronic Components Datasheet Search
  English  ▼

X  

MPS2222 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MPS2222
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MPS2222 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MPS2222 Datasheet HTML 1Page - First Silicon Co., Ltd MPS2222 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURE
Complementary PNP Type available (MPS2907)
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
75
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
600
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 10uA , IE
V
5
7
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA ,
IB
V
0
4
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE= 10uA, IC
V
6
0
=
Collector cut-off current
ICBO
VCB= 60V, IE
A
n
0
1
0
=
Collector cut-off current
ICEX
VCE= 60V,VEB(Off)=3V
10
nA
Emitter cut-off current
IEBO
VEB= 3 V, IC
A
n
0
0
1
0
=
hFE(1)
VCE=10V,IC= 150mA
100
300
hFE(2)
VCE=10V,IC= 0.1mA
40
DC current gain
hFE(3)
*
VCE=10V, IC= 500mA
42
VCE(sat)(1)
*
IC= 500mA, IB=50mA
0.6
V
Collector-emitter saturation voltage
VCE(sat)(2)
*
IC= 150mA, IB=15mA
0.3
V
Base-emitter saturation voltage
VBE(sat)
*
IC= 500mA, IB= 50mA
1.2
V
Delay time
td
10
nS
Rise time
tr
VCC=30V, VEB(Off)=-0.5V,
IC=150mA,IB1=15mA
25
nS
Storage time
tS
225
nS
Fall time
tf
VCC=30V,Ic=150mA,IB1=IB2=15mA
60
nS
Transition frequency
fT
VCE=20V, IC=20mA, f=100MHz
300
MHz
*
pulse test
CLASSIFICATION OF hFE(1)
Rank
H
L
Range
0
0
3
-
0
0
2
0
0
2
-
0
0
1
General Purpose Transistor
NPN Silicon
SEMICONDUCTOR
TECHNICAL DATA
MPS2222
2010. 07. 22
1/2
Revision No : 0
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
L
4.70 MAX
4.80 MAX
3.70 MAX
1.00
1.27
0.85
0.45
14.00 0.50
2.30
D
1
2
3
B
G
H
F
F
E
C
E
0.51 MAX
M
+
_
0.55 MAX
1. EMITTER
3. COLLECTOR
2. BASE


Similar Part No. - MPS2222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS2222 MOTOROLA-MPS2222 Datasheet
244Kb / 6P
General Purpose Transistors
logo
ON Semiconductor
MPS2222 ONSEMI-MPS2222 Datasheet
119Kb / 8P
General Purpose Transistors(NPN Silicon)
October, 2001 ??Rev. 1
logo
Samsung semiconductor
MPS2222 SAMSUNG-MPS2222 Datasheet
77Kb / 2P
NPN (GENERAL PURPOSE TRANSISTOR)
logo
Weitron Technology
MPS2222 WEITRON-MPS2222 Datasheet
351Kb / 4P
NPN General Purpose Transistors
logo
TRANSYS Electronics Lim...
MPS2222 TEL-MPS2222 Datasheet
98Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - MPS2222

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com