Electronic Components Datasheet Search
  English  ▼

X  

TPB02A40-1006 Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # TPB02A40-1006
Description  Schottky barrier diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPB02A40-1006 Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  TPB02A40-1006 Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPB02A40-1006 Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Absolute Maximum Ratings (Tamb=25°C unless otherwise specified)
www.sot23.com.tw
Applications
Low current rectification
TPB02A40-1006
Schottky barrier diode
Parameter
Symbol
Limits
Unit
Reverse voltage(DC)
VR
40
V
Average rectified forward current
Io
200
mA
Peak forward surge current
IFSM
500
mA
Junction temperature
Tj
125
Storage Temperature Range
TSTG
-40~+125
Electrical Characteristics (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Conditions
Forward voltage
VF
-
0.35
V
IF=10mA
-
0.4
V
IF=20mA
Reverse current
IR
-
10

VR=10V
SOD8 8 2
1
Average forward current: IF(AV) ≤ 200 mA
Reverse voltage: VR ≤ 40 V
Low forward voltage: VF ≤ 350 mV @10mA
Low reverse current: IR ≤ 10 μA
Leadless ultra small SMD plastic package
We declare that the material of product compliance with RoHS
requirements and Halogen Free


Similar Part No. - TPB02A40-1006

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPB02A40-323 TECHPUBLIC-TPB02A40-323 Datasheet
975Kb / 3P
Schottky barrier diode
More results

Similar Description - TPB02A40-1006

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com