Electronic Components Datasheet Search
  English  ▼

X  

4133 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # 4133
Description  POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

4133 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  4133 Datasheet HTML 1Page - Filtronic Compound Semiconductors 4133 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
POWER DIVIDERS
SPECIFICATION
THREE WAY, 1 TO 18 GHZ
FEATURES
• Designed to Meet MIL-E-5400 Class 3
• SMA Female Connectors per MIL-PRF-39012
• High Isolation Wilkinson Circuit Design
4003 SERIES
SPECIFICATIONS
Frequency
Range
GHz
Insertion
Loss max
(dB) @ f (GHz)
VSWR
max
Input/Output
Isolation
min
(dB)
Amplitude
Unbalance
max
(dB)
Phase
Unbalance
max
(Degrees)
Average
Power1
(W) @ 1 GHz
Model
1-2
0.3
1.30/1.50
19
0.5
32
20
4123
1.090
0.5
1.30/1.30
20
0.5
2
5
4123A
2-4
0.5
1.50/1.50
19
0.5
42
20
4133
NOTES:
1.
Input power with 1.5 max output system VSWR.
2.
To equalize the phase at all three ports, add an additional external line length to J3 equivalent to a 0.9 cm air line.
Sage Laboratories, Inc.
11 Huron Drive
Natick, MA 01760-1338
Tel: 508-653-0844
Fax: 508.653.5671
www.sagelabs.com
OUTLINE DRAWING
MODELS 4123, 4123A AND 4133


Similar Part No. - 4133

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
4133 MTRONPTI-4133 Datasheet
332Kb / 1P
Front-End Filters: 10.0MHz to 220 MHz
logo
API Technologies Corp
4133 APITECH-4133 Datasheet
161Kb / 2P
POWER DIVIDERS
4133 APITECH-4133 Datasheet
161Kb / 2P
POWER DIVIDERS
4133 APITECH-4133 Datasheet
161Kb / 2P
POWER DIVIDERS
logo
MENTOR GmbH & Co.
4133.063 MENTOR-4133.063 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
More results

Similar Description - 4133

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
Three-Way Power Dividers 1 - 300 MHz
logo
Filtronic Compound Semi...
4004 FILTRONIC-4004 Datasheet
369Kb / 3P
POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
4005 FILTRONIC-4005 Datasheet
287Kb / 2P
POWER DIVIDERS FIVE-WAY, 2 TO 8 GHZ
4008 FILTRONIC-4008 Datasheet
264Kb / 1P
POWER DIVIDERS EIGHT-WAY, 2 TO 18 GHZ
logo
API Technologies Corp
4002 APITECH-4002 Datasheet
175Kb / 2P
TWO WAY, 1 TO 18 GHz
4004 APITECH-4004 Datasheet
195Kb / 3P
FOUR-WAY, 1 TO 18 GHz
logo
M/A-COM Technology Solu...
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3V-50 MA-COM-M3V-50 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3H-50 MA-COM-M3H-50_15 Datasheet
66Kb / 2P
Three-Way Power Dividers
M3V-50 MA-COM-M3V-50_15 Datasheet
66Kb / 2P
Three-Way Power Dividers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com