Electronic Components Datasheet Search
  English  ▼

X  

1729522 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1729522
Description  Printed-circuit board connector - TMSTBP 2,5/ 5-STF-5,08 BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1729522 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1729522 Datasheet HTML 1Page - PHOENIX CONTACT 1729522 Datasheet HTML 2Page - PHOENIX CONTACT 1729522 Datasheet HTML 3Page - PHOENIX CONTACT 1729522 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1729522
03/27/2014   Page 1 / 4
Printed-circuit board connector - TMSTBP 2,5/ 5-STF-5,08 BK - 1729522
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 12 A, Number of positions: 5, Pitch: 5.08 mm, Connection method: Screw
connection, Color: black, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
17.81 GRM
Custom tariff number
85366990
Country of origin
Poland
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
20.32 mm
General
Range of articles
TMSTBP 2,5/..-STF
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Stripping length
7 mm
Number of positions
5
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²


Similar Part No. - 1729522

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1729522401 MOLEX1-1729522401 Datasheet
52Kb / 1P
Micro-Fit TPA Receptacle Housing, Dual Row, 24 Circuits, UL 94V-0, Low-Halogen
More results

Similar Description - 1729522

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1805136 PHOENIX-1805136 Datasheet
62Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 9-STF-5,08 BK
1853201 PHOENIX-1853201 Datasheet
103Kb / 7P
Printed-circuit board connector - TMSTBP 2,5/ 5-STF-5,08 ABGYAU
1970579 PHOENIX-1970579 Datasheet
237Kb / 11P
Printed-circuit board connector - MSTB 2,5/ 5-STF-5,08 BK
1712348 PHOENIX-1712348 Datasheet
59Kb / 4P
Printed-circuit board connector - TMSTBP 2,5/ 4-STF-5,08 BK
1720217 PHOENIX-1720217 Datasheet
59Kb / 4P
Printed-circuit board connector - TMSTBP 2,5/ 4-STF-5,08 BK SOR
1717165 PHOENIX-1717165 Datasheet
62Kb / 5P
Printed-circuit board connector - TMSTBP 2,5/ 6-STF-5,08 BK
1968510 PHOENIX-1968510 Datasheet
54Kb / 3P
Printed-circuit board connector - TMSTBP 2,5/ 5-STF-5,08 SET
1908732 PHOENIX-1908732 Datasheet
127Kb / 4P
TMSTBP 2,5/ 5-STF-5,08 AU
1972991 PHOENIX-1972991 Datasheet
63Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 5-STF-5,08-BK
1948064 PHOENIX-1948064 Datasheet
59Kb / 4P
Printed-circuit board connector - MSTBT 2,5/ 6-STF-5,08 BK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com