Electronic Components Datasheet Search
  English  ▼

X  

1730702 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1730702
Description  MSTB 2,5/ 3-STZ-5,08 YE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1730702 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1730702 Datasheet HTML 1Page - PHOENIX CONTACT 1730702 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 2
http://www.phoenixcon.com
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/ 3-STZ-5,08 YE
Order No.: 1730702
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1730702
 
 
 
Commercial data
GTIN (EAN)
4
046356
153515
Note
Made-to-order
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
09/14/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1730702

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173070 FESTO-173070 Datasheet
95Kb / 2P
Air solenoid valve
logo
Weidmuller
1730700000 WEIDMULLER-1730700000 Datasheet
312Kb / 22P
System pitch 5.00 mm (0.197 inch) BL 5.00/02/180 SN BK BX
February 14, 2011 12:47:53 PM
1730700000 WEIDMULLER-1730700000 Datasheet
61Kb / 1P
Omnimate Range - 5.00 mm Pitch
1730700000 WEIDMULLER-1730700000 Datasheet
93Kb / 5P
BL 5.00/12 SN SW
1730700000 WEIDMULLER-1730700000 Datasheet
93Kb / 5P
BL 5.00/2 SN OR
More results

Similar Description - 1730702

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1730692 PHOENIX-1730692 Datasheet
104Kb / 2P
MSTB 2,5/ 3-G-5,08 YE
1776155 PHOENIX-1776155 Datasheet
139Kb / 10P
Printed-circuit board connector - MSTB 2,5/ 4-STZ-5,08
1776168 PHOENIX-1776168 Datasheet
150Kb / 7P
MSTB 2,5/ 3-STZ-5,08
1776207 PHOENIX-1776207 Datasheet
61Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 3-STZ-5,08-BK
1764248 PHOENIX-1764248 Datasheet
129Kb / 11P
Printed-circuit board connector - MSTB 2,5/16-STZ-5,08
1709288 PHOENIX-1709288 Datasheet
41Kb / 2P
MSTB 2,5/ 8-STZ-5,08 OG
1709290 PHOENIX-1709290 Datasheet
41Kb / 2P
MSTB 2,5/ 3-STZ-5,08 RD
1776184 PHOENIX-1776184 Datasheet
117Kb / 7P
MSTB 2,5/ 6-STZ-5,08 BK
1826694 PHOENIX-1826694 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-STZ-5,08 AU
1709791 PHOENIX-1709791 Datasheet
394Kb / 13P
PCB connector - MSTB 2,5/ 2-STZ-5,08
Nov 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com