Electronic Components Datasheet Search
  English  ▼

X  

1730760 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1730760
Description  Printed-circuit board connector - MSTB 2,5/ 4-ST BD:4-1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1730760 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1730760 Datasheet HTML 1Page - PHOENIX CONTACT 1730760 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1730760
11/12/2014   Page 1 / 2
Printed-circuit board connector - MSTB 2,5/ 4-ST BD:4-1 - 1730760
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Number of positions: 4, Pitch: 5 mm, Connection method: Screw
connection, Color: green, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
6.68 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
15 mm
General
Range of articles
MSTB 2,5/..-ST
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Number of positions
4
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²


Similar Part No. - 1730760

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1730760000 WEIDMULLER-1730760000 Datasheet
61Kb / 1P
Omnimate Range - 5.00 mm Pitch
1730760000 WEIDMULLER-1730760000 Datasheet
93Kb / 5P
BL 5.00/12 SN SW
1730760000 WEIDMULLER-1730760000 Datasheet
93Kb / 5P
BL 5.00/2 SN OR
1730760000 WEIDMULLER-1730760000 Datasheet
93Kb / 5P
BL 5.00/3 SN OR
1730760000 WEIDMULLER-1730760000 Datasheet
93Kb / 5P
BL 5.00/4 SN OR
More results

Similar Description - 1730760

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751086 PHOENIX-1751086 Datasheet
116Kb / 4P
MSTB 2,5/ 4-ST BD:1-4
1765328 PHOENIX-1765328 Datasheet
107Kb / 8P
Printed-circuit board connector - MSTB 2,5/12-ST BD:1-12
1828090 PHOENIX-1828090 Datasheet
341Kb / 13P
Printed-circuit board connector - MSTB 2,5/ 6-ST BD: 1-6
1730757 PHOENIX-1730757 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-ST BD:3-1
1741209 PHOENIX-1741209 Datasheet
62Kb / 4P
Printed-circuit board connector - MSTBT 2,5/ 4-ST BD:1-4
1741665 PHOENIX-1741665 Datasheet
84Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 4-STF-5,08 BD:1-4
1774412 PHOENIX-1774412 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 4-ST-5,08 BD:4-1
1862551 PHOENIX-1862551 Datasheet
59Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 4-ST BK BD:1-4
1941362 PHOENIX-1941362 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 4-ST-5,08 BD:1-4
1765861 PHOENIX-1765861 Datasheet
90Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 4-ST BD:9-12
11/04/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com