Electronic Components Datasheet Search
  English  ▼

X  

1731222 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1731222
Description  Printed-circuit board connector - GMSTB 2,5/ 7-ST-7,62 BD:1-7
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1731222 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1731222 Datasheet HTML 1Page - PHOENIX CONTACT 1731222 Datasheet HTML 2Page - PHOENIX CONTACT 1731222 Datasheet HTML 3Page - PHOENIX CONTACT 1731222 Datasheet HTML 4Page - PHOENIX CONTACT 1731222 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1731222
08/25/2016   Page 1 / 5
Printed-circuit board connector - GMSTB 2,5/ 7-ST-7,62 BD:1-7 - 1731222
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630 V, Number of positions: 7, Pitch: 7.62 mm,
Connection method: Screw connection with tension sleeve, Color: green, Contact surface: Tin
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
50 STK
Custom tariff number
85366990
Country of origin
Germany
Technical data
Environmental Product Compliance
China RoHS
Hazardous substances above threshold values;
Environmentally Friendly Use Period = 50;
For details go to tab “Downloads”, Category “Manufacturer's declaration”
Dimensions
Pitch
7.62 mm
Dimension a
45.72 mm
General
Range of articles
GMSTB 2,5/..-ST
Type of contact
Female connector
Number of positions
7
Connection method
Screw connection with tension sleeve
Insulating material group
I
Rated surge voltage (III/3)
6 kV
Rated surge voltage (III/2)
6 kV
Rated surge voltage (II/2)
6 kV
Rated voltage (III/3)
400 V
Rated voltage (III/2)
630 V
Rated voltage (II/2)
1000 V


Similar Part No. - 1731222

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173122 FESTO-173122 Datasheet
95Kb / 2P
Air solenoid valve
More results

Similar Description - 1731222

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766932 PHOENIX-1766932 Datasheet
94Kb / 7P
Printed-circuit board connector - GMSTB 2,5/ 7-ST
1767054 PHOENIX-1767054 Datasheet
97Kb / 7P
Printed-circuit board connector - GMSTB 2,5/ 7-ST-7,62
1761658 PHOENIX-1761658 Datasheet
94Kb / 4P
Printed-circuit board connector - GFKIC 2,5/ 7-ST-7,62
1778221 PHOENIX-1778221 Datasheet
80Kb / 4P
Printed-circuit board connector - GMSTB 2,5/ 2-ST-7,62 BD:1,2
1806054 PHOENIX-1806054 Datasheet
78Kb / 6P
Printed-circuit board connector - FRONT-GMSTB 2,5/ 7-STF-7,62
1806164 PHOENIX-1806164 Datasheet
74Kb / 5P
Printed-circuit board connector - FRONT-GMSTB 2,5/ 7-ST-7,62
1858811 PHOENIX-1858811 Datasheet
70Kb / 5P
Printed-circuit board connector - GMSTB 2,5/ 7-STF-7,62
1795938 PHOENIX-1795938 Datasheet
111Kb / 6P
Printed-circuit board connector - GMSTB 2,5/ 7-GF-7,62 EX
1921887 PHOENIX-1921887 Datasheet
57Kb / 4P
Printed-circuit board connector - GMSTB 2,5/ 7-G-7,62 (1,3,5,7)
1921890 PHOENIX-1921890 Datasheet
57Kb / 4P
Printed-circuit board connector - GMSTB 2,5/ 7-ST-7,62 (1,3,5,7)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com