Electronic Components Datasheet Search
  English  ▼

X  

1731235 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1731235
Description  Printed-circuit board connector - QC 0,5/ 2-ST-3,81 LC RD/BK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1731235 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1731235 Datasheet HTML 1Page - PHOENIX CONTACT 1731235 Datasheet HTML 2Page - PHOENIX CONTACT 1731235 Datasheet HTML 3Page - PHOENIX CONTACT 1731235 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1731235
03/27/2014   Page 1 / 4
Printed-circuit board connector - QC 0,5/ 2-ST-3,81 LC RD/BK - 1731235
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug component, Nominal current: 6 A, Rated voltage (III/2): 200 V, Number of positions: 2, Pitch: 3.81 mm,
Connection method: Insulation displacement connection QUICKON, Color: green, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
2.3 GRM
Custom tariff number
85366990
Country of origin
China
Technical data
Dimensions
Pitch
3.81 mm
Dimension a
3.81 mm
General
Range of articles
QC 0,5/..-ST
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
200 V
Rated voltage (III/2)
200 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
6 A
Nominal cross section
0.5 mm²
Number of positions
2
Connection data
Conductor cross section stranded min.
0.34 mm²
Conductor cross section stranded max.
0.5 mm²
Conductor cross section AWG/kcmil min.
22
Conductor cross section AWG/kcmil max
20
Minimum AWG according to UL/CUL
24
Maximum AWG according to UL/CUL
20
Wire diameter incl. insulation
2.2 mm


Similar Part No. - 1731235

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173120 FESTO-173120 Datasheet
95Kb / 2P
Air solenoid valve
173121 FESTO-173121 Datasheet
94Kb / 2P
Air solenoid valve
173122 FESTO-173122 Datasheet
95Kb / 2P
Air solenoid valve
logo
PHOENIX CONTACT
1731222 PHOENIX-1731222 Datasheet
89Kb / 5P
Printed-circuit board connector - GMSTB 2,5/ 7-ST-7,62 BD:1-7
logo
Festo Corporation.
173124 FESTO-173124 Datasheet
98Kb / 2P
Air solenoid valve
More results

Similar Description - 1731235

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1897429 PHOENIX-1897429 Datasheet
142Kb / 8P
Printed-circuit board connector - QC 0,5/ 5-ST-3,81
1897458 PHOENIX-1897458 Datasheet
135Kb / 5P
QC 0,5/ 8-ST-3,81
1703575 PHOENIX-1703575 Datasheet
79Kb / 4P
Printed-circuit board connector - FMC 1,5/ 2-ST-3,81 BK
1800244 PHOENIX-1800244 Datasheet
59Kb / 4P
Printed-circuit board connector - MCVW 1,5/ 5-ST-3,81 BK
1897542 PHOENIX-1897542 Datasheet
136Kb / 5P
QC 0,5/ 2-STF-3,81
1903067 PHOENIX-1903067 Datasheet
105Kb / 6P
Printed-circuit board connector - MCVR 1,5/ 2-ST-3,81 BK
1921670 PHOENIX-1921670 Datasheet
138Kb / 9P
Printed-circuit board connector - QC 1/ 2-ST-BUS
1925333 PHOENIX-1925333 Datasheet
57Kb / 4P
Printed-circuit board connector - QC 0,5/ 2-ST-3,81 BK
1925346 PHOENIX-1925346 Datasheet
56Kb / 4P
Printed-circuit board connector - QC 0,5/ 3-ST-3,81 BK
1925359 PHOENIX-1925359 Datasheet
56Kb / 4P
Printed-circuit board connector - QC 0,5/ 4-ST-3,81 BK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com