Electronic Components Datasheet Search
  English  ▼

X  

1731552 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1731552
Description  Base strip - MCV 1,5/ 9-G-3,5-RN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1731552 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1731552 Datasheet HTML 1Page - PHOENIX CONTACT 1731552 Datasheet HTML 2Page - PHOENIX CONTACT 1731552 Datasheet HTML 3Page - PHOENIX CONTACT 1731552 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1731552
10/23/2014   Page 1 / 4
Base strip - MCV 1,5/ 9-G-3,5-RN - 1731552
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 9, Pitch: 3.5 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
The figure shows a 10-position
version of the product
Product Features
 Versions with engagement noses for locking plugs with self-locking flanges
 Low-profile pin strips with compact pitches
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
2.47 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
7.25 mm
Pitch
3.5 mm
Dimension a
28 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.2 mm
General
Range of articles
MCV 1,5/..-G-RN
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV


Similar Part No. - 1731552

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173150 FESTO-173150 Datasheet
100Kb / 2P
Air solenoid valve
logo
PHOENIX CONTACT
1731501 PHOENIX-1731501 Datasheet
454Kb / 12P
GMKDS 3/ 8-7,62 - PCB terminal block
logo
Festo Corporation.
173151 FESTO-173151 Datasheet
99Kb / 2P
Air solenoid valve
logo
PHOENIX CONTACT
1731510 PHOENIX-1731510 Datasheet
66Kb / 4P
Base strip - MCV 1,5/ 5-G-3,5-RN
logo
Festo Corporation.
173152 FESTO-173152 Datasheet
97Kb / 2P
Air solenoid valve
More results

Similar Description - 1731552

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1731471 PHOENIX-1731471 Datasheet
73Kb / 4P
Base strip - MCV 1,5/ 2-G-3,5-RN
1731510 PHOENIX-1731510 Datasheet
66Kb / 4P
Base strip - MCV 1,5/ 5-G-3,5-RN
1731536 PHOENIX-1731536 Datasheet
66Kb / 4P
Base strip - MCV 1,5/ 7-G-3,5-RN
1731578 PHOENIX-1731578 Datasheet
66Kb / 4P
Base strip - MCV 1,5/11-G-3,5-RN
1731594 PHOENIX-1731594 Datasheet
67Kb / 4P
Base strip - MCV 1,5/13-G-3,5-RN
1731604 PHOENIX-1731604 Datasheet
67Kb / 4P
Base strip - MCV 1,5/14-G-3,5-RN
1731617 PHOENIX-1731617 Datasheet
68Kb / 4P
Base strip - MCV 1,5/15-G-3,5-RN
1937677 PHOENIX-1937677 Datasheet
76Kb / 4P
Base strip - MCV 1,5/ 9-G-3,5 THT
1830634 PHOENIX-1830634 Datasheet
118Kb / 4P
Base strip - IMC 1,5/ 9-G-3,5 RN P20 THR
1830935 PHOENIX-1830935 Datasheet
109Kb / 4P
Base strip - IMCV 1,5/ 9-G-3,5 RN P20 THR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com