Electronic Components Datasheet Search
  English  ▼

X  

1731617 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1731617
Description  Base strip - MCV 1,5/15-G-3,5-RN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1731617 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1731617 Datasheet HTML 1Page - PHOENIX CONTACT 1731617 Datasheet HTML 2Page - PHOENIX CONTACT 1731617 Datasheet HTML 3Page - PHOENIX CONTACT 1731617 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1731617
10/23/2014   Page 1 / 4
Base strip - MCV 1,5/15-G-3,5-RN - 1731617
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 15, Pitch: 3.5 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
The figure shows a 10-position
version of the product
Product Features
 Versions with engagement noses for locking plugs with self-locking flanges
 Low-profile pin strips with compact pitches
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
21.77 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Length
7.25 mm
Pitch
3.5 mm
Dimension a
49 mm
Pin dimensions
0,8 x 0,8 mm
Hole diameter
1.2 mm
General
Range of articles
MCV 1,5/..-G-RN
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV


Similar Part No. - 1731617

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1731604 PHOENIX-1731604 Datasheet
67Kb / 4P
Base strip - MCV 1,5/14-G-3,5-RN
logo
Festo Corporation.
1731604 FESTO-1731604 Datasheet
70Kb / 1P
Adapter kit
logo
PHOENIX CONTACT
1731620 PHOENIX-1731620 Datasheet
154Kb / 9P
Printed-circuit board connector - MCV 1,5/16-G-3,5-RN
logo
Molex Electronics Ltd.
1731620131 MOLEX1-1731620131 Datasheet
44Kb / 2P
Nano-Pitch I/O Receptacle, Right Angle, Surface Mount, 80 Circuits
1731620132 MOLEX1-1731620132 Datasheet
50Kb / 2P
Nano-Pitch I/O Receptacle, Right Angle, Through Hole, 80 Circuits
More results

Similar Description - 1731617

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1731471 PHOENIX-1731471 Datasheet
73Kb / 4P
Base strip - MCV 1,5/ 2-G-3,5-RN
1843745 PHOENIX-1843745 Datasheet
85Kb / 5P
Base strip - MCV 1,5/16-G-3,5
1731510 PHOENIX-1731510 Datasheet
66Kb / 4P
Base strip - MCV 1,5/ 5-G-3,5-RN
1731536 PHOENIX-1731536 Datasheet
66Kb / 4P
Base strip - MCV 1,5/ 7-G-3,5-RN
1731552 PHOENIX-1731552 Datasheet
66Kb / 4P
Base strip - MCV 1,5/ 9-G-3,5-RN
1731578 PHOENIX-1731578 Datasheet
66Kb / 4P
Base strip - MCV 1,5/11-G-3,5-RN
1731594 PHOENIX-1731594 Datasheet
67Kb / 4P
Base strip - MCV 1,5/13-G-3,5-RN
1731604 PHOENIX-1731604 Datasheet
67Kb / 4P
Base strip - MCV 1,5/14-G-3,5-RN
1731808 PHOENIX-1731808 Datasheet
68Kb / 4P
Base strip - MC 1,5/15-G-3,5-RN
1843774 PHOENIX-1843774 Datasheet
71Kb / 4P
Base strip - MCV 1,5/19-G-3,5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com