Electronic Components Datasheet Search
  English  ▼

X  

6709 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # 6709
Description  PHASE SHIFTER DC TO 1 GHZ, COAXIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

6709 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  6709 Datasheet HTML 1Page - Filtronic Compound Semiconductors 6709 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
PHASE SHIFTER
SPECIFICATION
DC TO 1 GHZ, COAXIAL
Sage Laboratories, Inc.
l 11 Huron Drive l Natick, MA 01760-1338 l Tel: 508-653-0844 l Fax: 508.653.5671
www.sagelabs.com
6709 SERIES
SPECIFICATIONS
Model
6709
Frequency Range (GHz)
DC – 1
Phase Shift, min (
o/GHz)
940
Phase Shift, min (
o/GHz/Shaft Turn)
9.7
Insertion Phase Nom at Min Phase Setting (
o/GHz)
1040
Number of Turns, min
96
VSWR max
1.50
Insertion Loss, max (dB)
0.7
Power
Average (Watts)
100
Peak (Watts)
1000
Time Delay Range, nom (nsec/GHz) @ Min Phase Setting
2.9
Weight
Ounces
14.9
Grams
422
NOTES:
1. 1 Degree per GHz of Phase Shift equals 2.78 picoseconds of time delay.
2. Average and Peak Power are given at ambient temperature and alt itude with Type SMA Connectors. See standard power derating curves for
phase Shifters. Power is further limited by the power threshold level of connector style.
FEATURES
• Type SMA Connectors Standard
• Options from DC to 1GHz
• High Performance, Troughline Style Structure
• Military Grade Materials and Processing
• -40 to + 125º C Operating Temperature Range


Similar Part No. - 6709

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
6709 APITECH-6709 Datasheet
73Kb / 2P
DC TO 1 GHz, COAXIAL
logo
Bourns Electronic Solut...
6709-RC BOURNS-6709-RC Datasheet
94Kb / 1P
High Current Toroid Inductors (with header)
logo
FCI connector
67094 FCI-CONNECTOR-67094 Datasheet
76Kb / 1P
RELIMATE HEADER VERTICAL
More results

Similar Description - 6709

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6602 FILTRONIC-6602 Datasheet
148Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
6605 FILTRONIC-6605 Datasheet
130Kb / 3P
PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
6706 FILTRONIC-6706 Datasheet
159Kb / 4P
PHASE SHIFTER DC TO 2,4 AND 8 GHZ, COAXIAL
OPS002 FILTRONIC-OPS002 Datasheet
183Kb / 1P
PHASE SHIFTER DC TO 50 GHz, COAXIAL, OPTICAL COMMUNICATIONS
logo
Hittite Microwave Corpo...
HMC898LP4E HITTITE-HMC898LP4E Datasheet
818Kb / 6P
400 Analog Phase Shifter, 1 - 2 GHz
logo
API Technologies Corp
6709 APITECH-6709 Datasheet
73Kb / 2P
DC TO 1 GHz, COAXIAL
6604 APITECH-6604 Datasheet
175Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6603 APITECH-6603 Datasheet
175Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6602 APITECH-6602 Datasheet
175Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
OPS0002 APITECH-OPS0002 Datasheet
67Kb / 2P
PHASE SHIFTER DC TO 50 GHz, COAXIAL, OPTICAL COMMUNICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com